Electronic Components Datasheet Search
  English  ▼

X  

LMX1602 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1602
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1602 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMX1602 Datasheet HTML 5Page - National Semiconductor (TI) LMX1602 Datasheet HTML 6Page - National Semiconductor (TI) LMX1602 Datasheet HTML 7Page - National Semiconductor (TI) LMX1602 Datasheet HTML 8Page - National Semiconductor (TI) LMX1602 Datasheet HTML 9Page - National Semiconductor (TI) LMX1602 Datasheet HTML 10Page - National Semiconductor (TI) LMX1602 Datasheet HTML 11Page - National Semiconductor (TI) LMX1602 Datasheet HTML 12Page - National Semiconductor (TI) LMX1602 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
2.0 Programming Description (Continued)
2.3.3
12-BIT Programmable Counter Divide Ratio (Aux B COUNTER)
AUX_B_CNTR
Divide Ratio
11
10
987654321
0
3
00000000001
1
4
00000000010
0
•
•••••••••••
•
4,095
11111111111
1
Note 10: Divide ratio: 3 to 4,095 (Divide ratios less than 3 are prohibited)
AUX_B_CNTR
≥ AUX_A_CNTR.
See section 2.3.7 for calculation of VCO output frequency.
2.3.4
MAIN_N Register
If the Control Bits (CTL[1:0]) are 1 1 when LE transitions high, data is transferred from the 18-bit shift register into the MAIN_N
register latch which sets 16-bit programmable N divider value. The Main N divider is a 16-bit counter which is fully programmable
from 992 to 65,535 for 2 GHz option and from 240 to 65,535 for 1.1 GHz option. The MAIN_N register consists of the 5-bit (2 GHz
option) or 4-bit (1.1 GHz option) swallow counter (MAIN_A_CNTR) and the 11-bit (2 GHz option) or 12-bit (1.1 GHz option)
programmable counter (MAIN_B_CNTR). Serial data format for the MAIN_N register latch shown below. The divide ratio must be
≥ 992 (2 GHz option) or > 240 (1.1 GHz option) for a continuous divide range. The divide ratio is programmed using the bits
MAIN _A_CNTR and MAIN_B_CNTR as shown in tables 2.3.5 and 2.3.6 The pulse swallow function which determines the divide
ratio is described in Section 2.3.7.
2 GHz option
First Bit
SHIFT REGISTER BIT LOCATION
Last Bit
17
16
15
14
13
12
11
10
987654321
0
MAIN_N
AUX_B_CNTR[10:0]
AUX_A_CNTR[4:0]
1
1
1.1 GHz option
First Bit
SHIFT REGISTER BIT LOCATION
Last Bit
17
16
15
14
13
12
11
10
987654321
0
MAIN_N
AUX_B_CNTR[11:0]
AUX_A_CNTR[3:0]
1
1
2.3.5
Swallow Counter Divide Ratio (Main A COUNTER)
2 GHz option (5 bit)
Swallow
MAIN_A_CNTR
Count
(A)
4
3
2
1
0
0
000
0
0
1
000
0
1
•
•••
•
•
31
111
1
1
Note 11: Swallow Counter Value: 0 to 31
1.1 GHz option (4 bit)
Swallow
MAIN_A_CNTR
Count
(A)
3
2
1
0
0
000
0
1
000
1
•
•••
•
15
111
1
Note 12: Swallow Counter Value: 0 to 15
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com