Electronic Components Datasheet Search
  English  ▼

X  

LMX1602 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1602
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1602 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMX1602 Datasheet HTML 1Page - National Semiconductor (TI) LMX1602 Datasheet HTML 2Page - National Semiconductor (TI) LMX1602 Datasheet HTML 3Page - National Semiconductor (TI) LMX1602 Datasheet HTML 4Page - National Semiconductor (TI) LMX1602 Datasheet HTML 5Page - National Semiconductor (TI) LMX1602 Datasheet HTML 6Page - National Semiconductor (TI) LMX1602 Datasheet HTML 7Page - National Semiconductor (TI) LMX1602 Datasheet HTML 8Page - National Semiconductor (TI) LMX1602 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LMX1600
2.0 GHz/500 MHz
LMX1601
1.1 GHz/500 MHz
LMX1602
1.1 GHz/1.1 GHz
PLLatinum™ Low Cost Dual Frequency Synthesizer
General Description
The LMX1600/01/02 is part of a family of monolithic inte-
grated dual frequency synthesizers designed to be used in a
local oscillator subsystem for a radio transceiver. It is fabri-
cated using National’s 0.5u ABiC V silicon BiCMOS process.
The LMX1600/01/02 contains two dual modulus prescalers,
four programmable counters, two phase detectors and two
selectable gain charge pumps necessary to provide the
control voltage for two external loop filters and VCO loops.
Digital filtered lock detects for both PLLs are included. Data
is transferred into the LMX1600/01/02 via a MICROWIRE™
serial interface (Data, Clock, LE).
V
CC
supply voltage can range from 2.7V to 3.6V. The
LMX1600/01/02 features very low current consumption -
typically 4.0 mA at 3V for LMX1601, 5.0 mA at 3V for
LMX1600 or LMX1602. Powerdown for the PLL is hardware
controlled.
The LMX1600/01/02 is available in a 16 pin TSSOP surface
mount plastic package.
Features
n
V
CC = 2.7V to 3.6V operation
n
Low current consumption:
4mA @ 3V (typ) for LMX1601
5mA @ 3V (typ) for LMX1600 or LMX1602
n
PLL Powerdown mode: I
CC = 1 µA typical
n
Digital Filtered Lock Detects
n
Dual modulus prescaler:
— 2 GHz/500 MHz option:
(Main) 32/33 (Aux) 8/9
— 1.1 GHz/500 MHz option:
(Main) 16/17 (Aux) 8/9
— 1.1 GHz/1.1 GHz option:
(Main) 16/17 (Aux) 16/17
Applications
n
Cordless / Cellular / PCS phones
n
Other digital mobile phones
Functional Block Diagram
10012901
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
MICROWIRE™ and PLLatinum™ are trademarks of National Semiconductor Corporation.
June 2005
© 2005 National Semiconductor Corporation
DS100129
www.national.com


Similar Part No. - LMX1602

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX1602 NSC-LMX1602 Datasheet
196Kb / 14P
PLLatinum??Low Cost Dual Frequency Synthesizer
logo
Texas Instruments
LMX1602 TI1-LMX1602 Datasheet
414Kb / 18P
LMX1600 2.0 GHz/500 MHz, LMX1601 1.1 GHz/500 MHz, LMX1602 1.1 GHz/1.1 GHz PLLatinum??Low Cost Dual Frequency Synthesizer
logo
National Semiconductor ...
LMX1602SLB NSC-LMX1602SLB Datasheet
196Kb / 14P
PLLatinum??Low Cost Dual Frequency Synthesizer
LMX1602TM NSC-LMX1602TM Datasheet
196Kb / 14P
PLLatinum??Low Cost Dual Frequency Synthesizer
More results

Similar Description - LMX1602

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX1600 NSC-LMX1600 Datasheet
196Kb / 14P
PLLatinum??Low Cost Dual Frequency Synthesizer
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2330L NSC-LMX2330L Datasheet
496Kb / 21P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335L NSC-LMX2335L Datasheet
542Kb / 22P
PLLatinum??Low Power Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
logo
Texas Instruments
LMX2335 TI-LMX2335 Datasheet
437Kb / 19P
PLLatinum Dual Frequency Synthesizer for RF Personal Communications
LMX2485 TI1-LMX2485_16 Datasheet
1Mb / 46P
3-GHz Delta-Sigma Low-Power Dual PLLatinum Frequency Synthesizer
LMX2541 TI1-LMX2541 Datasheet
1Mb / 70P
Ultra-Low Noise PLLatinum Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com