Electronic Components Datasheet Search
  English  ▼

X  

LMX1602 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1602
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1602 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LMX1602 Datasheet HTML 9Page - National Semiconductor (TI) LMX1602 Datasheet HTML 10Page - National Semiconductor (TI) LMX1602 Datasheet HTML 11Page - National Semiconductor (TI) LMX1602 Datasheet HTML 12Page - National Semiconductor (TI) LMX1602 Datasheet HTML 13Page - National Semiconductor (TI) LMX1602 Datasheet HTML 14Page - National Semiconductor (TI) LMX1602 Datasheet HTML 15Page - National Semiconductor (TI) LMX1602 Datasheet HTML 16Page - National Semiconductor (TI) LMX1602 Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
2.0 Programming Description (Continued)
2.6
SERIAL DATA INPUT TIMING
10012919
Note 17: Data shifted into register on clock rising edge.
Data is shifted in MSB first.
TEST CONDITIONS: The Serial Data Input Timing is tested using a symmetrical waveform around V
CC/2. The test waveform has
an edge rate of 0.6 V/ns with amplitudes of 2.2V @ V
CC = 2.7V.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com