Electronic Components Datasheet Search
  English  ▼

X  

LMX1602 Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1602
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1602 Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX1602 Datasheet HTML 7Page - National Semiconductor (TI) LMX1602 Datasheet HTML 8Page - National Semiconductor (TI) LMX1602 Datasheet HTML 9Page - National Semiconductor (TI) LMX1602 Datasheet HTML 10Page - National Semiconductor (TI) LMX1602 Datasheet HTML 11Page - National Semiconductor (TI) LMX1602 Datasheet HTML 12Page - National Semiconductor (TI) LMX1602 Datasheet HTML 13Page - National Semiconductor (TI) LMX1602 Datasheet HTML 14Page - National Semiconductor (TI) LMX1602 Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
2.0 Programming Description (Continued)
2.4
CHARGE PUMP CONTROL WORD (CP_WORD)
MSB
LSB
AUX_CP_GAIN
MAIN_CP_GAIN
AUX_PD_POL
MAIN_PD_POL
BIT
LOCATION
FUNCTION
0
1
AUX_CP_GAIN
MAIN_R[17]
Aux Charge Pump Current Gain
LOW
HIGH
MAIN_CP_GAIN
MAIN_R[16]
Main Charge Pump Current Gain
LOW
HIGH
AUX_PD_POL
MAIN_R[15]
Aux Phase Detector Polarity
Negative
Positive
MAIN_PD_POL
MAIN_R[14]
Main Phase Detector Polarity
Negative
Positive
AUX_CP_GAIN (MAIN_R[17]) and MAIN_CP_GAIN (MAIN_R[16]) are used to select charge pump current magnitude either low
gain mode (160 µA typ) or high gain mode (1600 µA typ)
AUX_ PD_POL (MAIN_R[15]) and MAIN_ PD_POL (MAIN_R[14]) are respectively set to one when Aux or Main VCO
characteristics are positive as in (1) below. When VCO frequency decreases with increasing control voltage (2) PD_POL should
set to zero.
2.4.1
VCO Characteristics
10012914
2.4.2
Phase Comparator and Internal Charge Pump Characteristics
(AUX_PD_POL/MAIN_PD_POL = 1)
10012915
Note 15: fr is phase detector input from reference counter. fp is phase detector input from programmable N counter.
Phase difference detection range: - 2
π to+2pπ.
The minimum width pump up and pump down current pulses occur at the CPo pin when the loop is locked.
2.5
F
OUT/LOCK DETECT PROGRAMMING TRUTH TABLE (FoLD)
FoLD
Fo/LD OUTPUT STATE
32
1
0
AUX_R[17]
AUX_R[16]
AUX_R[15]
AUX_R[14]
0
0
0
0
“0”
0
0
0
1
“1”
0
0
1
X
Main Lock Detect
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com