Electronic Components Datasheet Search
  English  ▼

X  

LMX1602 Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX1602
Description  PLLatinum??Low Cost Dual Frequency Synthesizer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX1602 Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LMX1602 Datasheet HTML 6Page - National Semiconductor (TI) LMX1602 Datasheet HTML 7Page - National Semiconductor (TI) LMX1602 Datasheet HTML 8Page - National Semiconductor (TI) LMX1602 Datasheet HTML 9Page - National Semiconductor (TI) LMX1602 Datasheet HTML 10Page - National Semiconductor (TI) LMX1602 Datasheet HTML 11Page - National Semiconductor (TI) LMX1602 Datasheet HTML 12Page - National Semiconductor (TI) LMX1602 Datasheet HTML 13Page - National Semiconductor (TI) LMX1602 Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
2.0 Programming Description (Continued)
2.3.6
Programmable Counter Divide Ratio (Main B COUNTER)
2 GHz option (11 bit)
MAIN_B_CNTR
Divide Ratio
10
987654321
0
3
0000000001
1
4
0000000010
0
•
••••••••••
•
2,047
1111111111
1
Note 13: Divide ratio: 3 to 2,047 (Divide ratios less than 3 are prohibited)
MAIN_B_CNTR
≥ MAIN_A_CNTR.
See section 2.3.7 for calculation of VCO output frequency.
1.1 GHz option (12 bit)
MAIN_B_CNTR
Divide Ratio
11
10
987654321
0
3
00000000001
1
4
00000000010
0
•
•••••••••••
•
4,095
11111111111
1
Note 14: Divide ratio: 3 to 4,095 (Divide ratios less than 3 are prohibited)
MAIN_B_CNTR
≥ MAIN_A_CNTR.
See section 2.3.7 for calculation of VCO output frequency.
2.3.7
Pulse Swallow Function
The N divider counts such that it divides the VCO RF frequency by (P+1) for A times, and then divides by P for (B – A ) times.
The B value (B_CNTR) must be
≥ 3. The continuous divider range for the Main PLL N divider is from 992 to 65,535 for 2 GHz
option, from 240 to 65,535 for 1.1 GHz option, and from 56 to 32,767 for 500 MHz option. Divider ratios less than the minimum
value are achievable as long as the binary counter value is greater than or equal to the swallow counter value (B_CNTR
≥
A_CNTR).
f
VCO =Nx(fOSC /R)
N=(P x B) + A
f
VCO: Output frequency of external voltage controlled oscillator (VCO)
f
OSC: Output frequency of the external reference frequency oscillator (input to OSCIN).
R:
Preset divide ratio of binary programmable reference counter (R_CNTR)
N:
Preset divide ratio of main programmable integer N counter (N_CNTR)
B:
Preset divide ratio of binary programmable B counter (B_CNTR)
A:
Preset value of binary 4-bit swallow A counter (A _CNTR)
P:
Preset modulus of dual modulus prescaler (P = 32 for 2 GHz option, P=16 for 1.1 GHz option, and P=8 for 500 MHz
option)
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com