Electronic Components Datasheet Search
  English  ▼

X  

ST6246 Datasheet(PDF) 62 Page - STMicroelectronics

Part # ST6246
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6246 Datasheet(HTML) 62 Page - STMicroelectronics

Back Button ST6246 Datasheet HTML 58Page - STMicroelectronics ST6246 Datasheet HTML 59Page - STMicroelectronics ST6246 Datasheet HTML 60Page - STMicroelectronics ST6246 Datasheet HTML 61Page - STMicroelectronics ST6246 Datasheet HTML 62Page - STMicroelectronics ST6246 Datasheet HTML 63Page - STMicroelectronics ST6246 Datasheet HTML 64Page - STMicroelectronics ST6246 Datasheet HTML 65Page - STMicroelectronics ST6246 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 72 page
background image
62/72
ST62T46B/E46B
6.2 RECOMMENDED OPERATING CONDITIONS
Notes:
1. Care must be taken in case of negative current injection, where adapted impedance must be respected on analog sources to not affect the
A/D conversion. For a -1mA injection, a maximum 10 K
Ω is recommanded.
2. An oscillator frequency above 1MHz is recommended for reliable A/D results.
Figure 33. Maximum Operating FREQUENCY (Fmax) Versus SUPPLY VOLTAGE (V
DD)
The shaded area is outside the recommended operating range; device functionality is not guaranteed under these conditions.
Symbol
Parameter
Test Condition s
Value
Unit
Min.
Typ.
Max.
T
A
Operating Temperature
6 Suffix Version
1 Suffix Version
-40
0
85
70
°C
V
DD
Operating Supply Voltage
fOSC = 4MHz
fosc= 8MHz
3.0
4.5
6.0
6.0
V
fOSC
Oscillator Frequency2)
VDD =3V
VDD = 4.5V
0
0
4.0
8.0
MHz
I
INJ+
Pin Injection Current (positive)
V
DD = 4.5 to 5.5V
+5
mA
I
INJ-
Pin Injection Current (negative) V
DD = 4.5 to 5.5V
-5
mA
8
7
6
5
4
3
2
1
2.5
3
3.5
4
4.5
5
5.5
6
SUPPLY VOLTAGE (VDD)
Maximum FREQU ENCY (MHz)
FUNCTIONALITY IS NOT
GUARANTEED IN
THIS AREA
398



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com