Electronic Components Datasheet Search
  English  ▼

X  

ST6246 Datasheet(PDF) 54 Page - STMicroelectronics

Part # ST6246
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6246 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button ST6246 Datasheet HTML 50Page - STMicroelectronics ST6246 Datasheet HTML 51Page - STMicroelectronics ST6246 Datasheet HTML 52Page - STMicroelectronics ST6246 Datasheet HTML 53Page - STMicroelectronics ST6246 Datasheet HTML 54Page - STMicroelectronics ST6246 Datasheet HTML 55Page - STMicroelectronics ST6246 Datasheet HTML 56Page - STMicroelectronics ST6246 Datasheet HTML 57Page - STMicroelectronics ST6246 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
54/72
ST62T46B/E46B
POWER SUPPLY SUPERVISOR (Continued)
4.6.2 PSS Register
The PSS register permits control over the PSS de-
vice. The register can be addressed in the data
space as a RAM location at DAh. This register is
cleared after Reset.
PSS Status Control Register (PSSCR)
Address: DAh - Read/Write
Bit 7 = PIF.
Interrupt flag bit. This bit is the interrupt
flag. This bit is set (resp. cleared) as soon as the
equality between nxVPSS and mxVDD/13 (resp.
(m+1)xVDD/13) occurs.
Bit 6 = PEI.
Interrupt mask bit. This bit is the au-
thorization bit of the interrupt request: – If PEI is
set, the interrupt request can reach the Core. – If
PEI is cleared, the interrupt request cannot reach
the Core.
Bits 5-4 = PDV1, PDV0.
Division rate selection bit.
The PDV1/0 bits are used to select the rate of divi-
sion
of
the
VDD
voltage
(mxVDD/13
or
(m+1)xVDD/13, according to the hysteresis).
Table 20. VDDVoltage division rate selection
bits
Bits 3-1 = PDR2, PDR1, PDR0.
Division rate se-
lection bit. The PDR2/1/0 bits are used to inhibit
the PSS device and to select the division rate of
the PSS voltage (nxVPSS/13).
Bit 0 = D0. The PSS comparator output is valid 8
cycle times after the programming of the PDR2/1/0
bits. It is forced to zero in the meantime.
Table 21.PSS Voltage division rate selection bits
70
PIF
PEI
PDV1
PSS
PDV0
PSS
PDR2
PSS
PDR1
PSS
PDR0
PSS
D0
PDV1
PDV0
mxVDD/13
(m+ 1) xVDD/13
0
0
3xVDD/13
4xVDD/13
0
1
5xVDD/13
6xVDD/13
1
0
6xVDD/13
7xVDD/13
1
1
7xVDD/13
8xVDD/13
PDR2
PDR1
PDR0
PSS State
nxVPSS/13
0
0
0
IDLE
0
0
1
BUSY
4xVPSS/13
0
1
0
BUSY
5xVPSS/13
0
1
1
BUSY
6xVPSS/13
1
0
0
BUSY
7xVPSS/13
1
0
1
BUSY
VPSS
390



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com