Electronic Components Datasheet Search
  English  ▼

X  

ST6246 Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST6246
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6246 Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST6246 Datasheet HTML 57Page - STMicroelectronics ST6246 Datasheet HTML 58Page - STMicroelectronics ST6246 Datasheet HTML 59Page - STMicroelectronics ST6246 Datasheet HTML 60Page - STMicroelectronics ST6246 Datasheet HTML 61Page - STMicroelectronics ST6246 Datasheet HTML 62Page - STMicroelectronics ST6246 Datasheet HTML 63Page - STMicroelectronics ST6246 Datasheet HTML 64Page - STMicroelectronics ST6246 Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
61/72
ST62T46B/E46B
6 ELECTRICAL CHARACTERISTICS
6.1 ABSOLUTE MAXIMUM RATINGS
This product contains devices to protect the inputs
against damage due to high static voltages, how-
ever it is advisable to take normal precaution to
avoid application of any voltage higher than the
specified maximum rated voltages.
For proper operation it is recommended that VI
and VO be higher than VSS and lower than VDD.
Reliability is enhanced if unused inputs are con-
nected to an appropriate logic voltage level (VDD
or VSS).
Power Considerations.The average chip-junc-
tion temperature, Tj, in Celsius can be obtained
from:
Tj=
TA + PD x RthJA
Where: TA =
Ambient Temperature.
RthJA = Package thermal resistance
(junction-to ambient).
PD =
Pint + Pport.
Pint =
IDD x VDD (chip internal power).
Pport = Port power dissipation (deter-
mined by the user).
Notes:
-
Stresses above those listed as ”absolute maximum ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended period s may
affect device reliability.
- (1) Wi thin these limits , clamping diodes are guarantee to be not conductive. Voltages outside these limits are authorised as long as injection
current is kept within the specification.
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to 7.0
V
VI
Input Voltage
VSS - 0.3 to VDD + 0.3
(1)
V
VO
Output Voltage
VSS - 0.3 to VDD + 0.3
(1)
V
IO
Current Drain per Pin Excluding VDD,VSS
±10
mA
IVDD
Total Current into VDD (source)
50
mA
IVSS
Total Current out of VSS (sink)
50
mA
Tj
Junction Temperature
150
°C
TSTG
Storage Temperature
-60 to 150
°C
397



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com