Electronic Components Datasheet Search
  English  ▼

X  

ST6246 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST6246
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6246 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST6246 Datasheet HTML 6Page - STMicroelectronics ST6246 Datasheet HTML 7Page - STMicroelectronics ST6246 Datasheet HTML 8Page - STMicroelectronics ST6246 Datasheet HTML 9Page - STMicroelectronics ST6246 Datasheet HTML 10Page - STMicroelectronics ST6246 Datasheet HTML 11Page - STMicroelectronics ST6246 Datasheet HTML 12Page - STMicroelectronics ST6246 Datasheet HTML 13Page - STMicroelectronics ST6246 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
10/72
ST62T46B/E46B
MEMORY MAP (Cont’d)
1.3.3 Data Space
Data Space accommodates all the data necessary
for processing the user program. This space com-
prises the RAM resource, the processor core and
peripheral registers, as well as read-only data
such as constants and look-up tables in Program
memory.
1.3.3.1 Data ROM
All read-only data is physically stored in program
memory, which also accommodates the Program
Space. The program memory consequently con-
tains the program code to be executed, as well as
the constants and look-up tables required by the
application.
The Data Space locations in which the different
constants and look-up tables are addressed by the
processor core may be thought of as a 64-byte
window through which it is possible to access the
read-only data stored in Program memory.
1.3.3.2 Data RAM/EEPROM
In ST62T46B and ST62E46B devices, the data
space includes 60 bytes of RAM, the accumulator
(A), the indirect registers (X), (Y), the short direct
registers (V), (W), the I/O port registers, the pe-
ripheral data and control registers, the interrupt
option register and the Data ROM Window register
(DRW register).
Additional RAM and EEPROM pages can also be
addressed using banks of 64 bytes located be-
tween addresses 00h and 3Fh.
1.3.4 Stack Space
Stack space consists of six 12-bit registers which
are used to stack subroutine and interrupt return
addresses, as well as the current program counter
contents.
Table 1. Additional RAM/EEPROM Banks.
Table 2. ST62T46B/E46B Data Memory Space
Device
RAM
EEPROM
ST62T46B/E46B
1 x 64 bytes
2 x 64 bytes
DATA and EEPROM
000h
03Fh
DATA ROM WINDOW AREA
040h
07Fh
X REGIS TER
080h
Y REGIS TER
081h
V REGIS TER
082h
W REGISTE R
083h
DATA RAM
084h
0BFh
PORT A DATA REGISTER
0C0h
PORT B DATA REGISTER
0C1h
SPI INTERRUPT DISA BLE REGISTER
0C2h
PORT C DATA REGISTER
0C3h
PORT A DIRECTION REGIS TER
0C4h
PORT B DIRECTION REGIS TER
0C5h
PORT C DIRECTION REGISTER
0C6h
RESERVED
0C7h
INTERRUPT OPTION REGISTER
0C8h*
DATA ROM WIND OW REGISTER
0C9h*
RESERVED
0CAh*
RAM/EEPROM BANK SELECT REGISTER
0CBh*
PORT A OPTION REGISTER
0CCh
RESERVED
0CDh
PORT B OPTION REGISTER
0CEh
PORT C OPTION REGISTE R
0CFh
A/D DATA REGISTE R
0D0h
A/D CONTROL REGIS TER
0D1h
TIMER 1 PRESCALER REGIS TER
0D2h
TIMER 1 COUNTE R REGISTER
0D3h
TIMER 1 STATUS/CONTROL REGISTER
0D4h
TIMER 2 PRESCALER REGIS TER
0D5h
TIMER 2 COUNTE R REGISTER
0D6h
TIMER 2 STATUS/CONTROL REGISTER
0D7h
WATCHDOG REGISTER
0D8h
RESERVED
0D9h
PSS STATUS/CONTROL REGISTER
0DAh
32kHz OSCILLATOR CONTROL REGISTER
0DBh
LCD MODE CONTROL REGISTER
0DCh
SPI DATA REGISTER
0DDh
RESERVED
0DEh
EEPROM CONTROL REGISTER
0DFh
LCD RAM
0E0h
0F7h
DATA RAM
0F8h
0FEh
ACCUMULATOR
OFFh
* WRITE ONLY REGISTER
346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com