Electronic Components Datasheet Search
  English  ▼

X  

ST6246 Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST6246
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6246 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST6246 Datasheet HTML 40Page - STMicroelectronics ST6246 Datasheet HTML 41Page - STMicroelectronics ST6246 Datasheet HTML 42Page - STMicroelectronics ST6246 Datasheet HTML 43Page - STMicroelectronics ST6246 Datasheet HTML 44Page - STMicroelectronics ST6246 Datasheet HTML 45Page - STMicroelectronics ST6246 Datasheet HTML 46Page - STMicroelectronics ST6246 Datasheet HTML 47Page - STMicroelectronics ST6246 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 72 page
background image
44/72
ST62T46B/E46B
4.3 A/D CONVERTER (ADC)
The A/D converter peripheral is an 8-bit analog to
digital converter with analog inputs as alternate I/O
functions (the number of which is device depend-
ent), offering 8-bit resolution with a typical conver-
sion time of 70us (at an oscillator clock frequency
of 8MHz).
The ADC converts the input voltage by a process
of successive approximations, using a clock fre-
quency derived from the oscillator with a division
factor of twelve. With an oscillator clock frequency
less than 1.2MHz, conversion accuracy is de-
creased.
Selection of the input pin is done by configuring
the related I/O line as an analog input via the Op-
tion and Data registers (refer to I/O ports descrip-
tion for additional information). Only one I/O line
must be configured as an analog input at any time.
The user must avoid any situation in which more
than one I/O pin is selected as an analog input si-
multaneously, to avoid device malfunction.
The ADC uses two registers in the data space: the
ADC data conversion register, ADR, which stores
the conversion result, and the ADC control regis-
ter, ADCR, used to program the ADC functions.
A conversion is started by writing a “1” to the Start
bit (STA) in the ADC control register. This auto-
matically clears (resets to “0”) the End Of Conver-
sion Bit (EOC). When a conversion is complete,
the EOC bit is automatically set to “1”, in order to
flag that conversion is complete and that the data
in the ADC data conversion register is valid. Each
conversion has to be separately initiated by writing
to the STA bit.
The STA bit is continuously scanned so that, if the
user sets it to “1” while a previous conversion is in
progress, a new conversion is started before com-
pleting the previous one. The start bit (STA) is a
write only bit, any attempt to read it will show a log-
ical “0”.
The A/D converter features a maskable interrupt
associated with the end of conversion. This inter-
rupt is associated with interrupt vector #4 and oc-
curs when the EOC bit is set (i.e. when a conver-
sion is completed). The interrupt is masked using
the EAI (interrupt mask) bit in the control register.
The power consumption of the device can be re-
duced by turning off the ADC peripheral. This is
done by setting the PDS bit in the ADC control reg-
ister to “0”. If PDS=“1”, the A/D is powered and en-
abled for conversion. This bit must be set at least
one instruction before the beginning of the conver-
sion to allow stabilisation of the A/D converter.
This action is also needed before entering WAIT
mode, since the A/D comparator is not automati-
cally disabled in WAIT mode.
During Reset, any conversion in progress is
stopped, the control register is reset to 40h and the
ADC interrupt is masked (EAI=0).
Figure 23. ADC Block Diagram
4.3.1 Application Notes
The A/D converter does not feature a sample and
hold circuit. The analog voltage to be measured
should therefore be stable during the entire con-
version cycle. Voltage variation should not exceed
±1/2 LSB for the optimum conversion accuracy. A
low pass filter may be used at the analog input
pins to reduce input voltage variation during con-
version.
When selected as an analog channel, the input pin
is internally connected to a capacitor Cad of typi-
cally 12pF. For maximum accuracy, this capacitor
must be fully charged at the beginning of conver-
sion. In the worst case, conversion starts one in-
struction (6.5
µs) after the channel has been se-
lected. In worst case conditions, the impedance,
ASI, of the analog voltage source is calculated us-
ing the following formula:
6.5
µs= 9 x C
ad x ASI
(capacitor charged to over 99.9%), i.e. 30 k
Ω in-
cluding a 50% guardband. ASI can be higher if Cad
has been charged for a longer period by adding in-
structions before the start of conversion (adding
more than 26 CPU cycles is pointless).
CONTROL REGISTER
CONVERTER
VA00418
RESULT REGISTER
RESET
INTERRUPT
CLOCK
AV
AVDD
Ain
8
CORE
CONTROL SIGNALS
SS
8
CORE
380



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com