Electronic Components Datasheet Search
  English  ▼

X  

ST6246 Datasheet(PDF) 58 Page - STMicroelectronics

Part # ST6246
Description  8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST6246 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button ST6246 Datasheet HTML 54Page - STMicroelectronics ST6246 Datasheet HTML 55Page - STMicroelectronics ST6246 Datasheet HTML 56Page - STMicroelectronics ST6246 Datasheet HTML 57Page - STMicroelectronics ST6246 Datasheet HTML 58Page - STMicroelectronics ST6246 Datasheet HTML 59Page - STMicroelectronics ST6246 Datasheet HTML 60Page - STMicroelectronics ST6246 Datasheet HTML 61Page - STMicroelectronics ST6246 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 72 page
background image
58/72
ST62T46B/E46B
INSTRUCTION SET (Cont’d)
Conditional Branch. The branch instructions
achieve a branch in the program when the select-
ed condition is met.
Bit Manipulation Instructions. These instruc-
tions can handle any bit in data space memory.
One group either sets or clears. The other group
(see Conditional Branch) performs the bit test
branch operations.
Control Instructions. The control instructions
control the MCU operations during program exe-
cution.
Jump and Call. These two instructions are used
to perform long (12-bit) jumps or subroutines call
inside the whole program space.
Table 24. Conditional Branch Instructions
Notes
:
b.
3-bit address
rr.
Data space register
e.
5 bit signed displacement in the range -15 to +16<F128M>
∆ . Affected. The tested bit is shifted into carry.
ee.
8 bit signed displacement in the range -126 to +129
* .
Not Affected
Table 25. Bit Manipulation Instructions
Notes:
b.
3-bit address;
* . Not<M> Affected
rr.
Data space register;
Table 26. Control Instructions
Notes:
1.
This instruction is deactivated<N>and a WAI T is automatically executed instead of a STOP if the watchdog function is selected.
∆ . Affected
*.
Not Affected
Table 27. Jump & Call Instructions
Notes:
abc. 12-bit address;
* .
Not Affected
Instruction
Branch If
Bytes
Cycles
Flags
ZC
JRC e
C = 1
1
2
*
*
JRNC e
C = 0
1
2
*
*
JRZe
Z= 1
1
2
*
*
JRNZ e
Z = 0
1
2
*
*
JRR b, rr, ee
Bit = 0
3
5
*
∆
JRS b, rr, ee
Bit = 1
3
5
*
∆
Instruction
Addressing Mode
Bytes
Cycles
Flags
ZC
SET b,rr
Bit Direct
2
4
*
*
RES b,rr
Bit Direct
2
4
*
*
Instruction
Addressing Mode
Bytes
Cycles
Flags
ZC
NOP
Inherent
1
2
*
*
RET
Inherent
1
2
*
*
RETI
Inherent
1
2
∆∆
STOP (1)
Inherent
1
2
*
*
WAIT
Inherent
1
2
*
*
Instruction
Addressing Mode
Bytes
Cycles
Flags
ZC
CALL abc
Extended
2
4
*
*
JP abc
Extended
2
4
*
*
394



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com