Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR4M1 Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7265AR4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4M1 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7265AR4M1 Datasheet HTML 64Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 65Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 66Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 67Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 68Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 69Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 70Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 71Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 166 page
background image
ST7265x
68/166
USB INTERFACE (Cont’d)
11.3.4 USB Data Buffer Manager
The USB Data Buffer Manager performs the data
transfer between the USB interface and the two
512 Bytes RAM areas used for Endpoint 2 in both
Upload and Download modes. It also controls the
status of Endpoint 2, by setting the endpoint as
NAK when the current buffer is not yet available for
either transmission (Upload) or reception (Down-
load).
It is based on a stand-alone hardware state-ma-
chine that runs in parallel to the ST7 processing
flow. However, at any time, the ST7 software can
initialize the USB Data Buffer Manager state-ma-
chine in order to synchronize operations by writing
a ‘1’ to the CLR bit in the BUFCSR register.
Dedicated buffer status flags are defined to syn-
chronize the USB Data Buffer Manager with the
Data Transfer Coprocessor (DTC). These flags
are used by the software plug-ins provided by
STMicroelectronics) running on the DTC.
11.3.4.1 Data Transfer Modes
In USB normal mode (MOD[1:0]=00b), the maxi-
mum memory size of Endpoint 2 is 64 bytes, and
therefore reception of 512 bytes packets requires
ST7 software intervention every 64 bytes. This
means that after a CTR interrupt the hardware
puts the Endpoint 2 status bits for the current di-
rection (transmit or receive) in NAK status. The
ST7 software must then write the status bits to
VALID when it is ready to transmit or receive new
data.
On the contrary, in Upload or Download mode, the
physical address of Endpoint 2 is automatically in-
cremented every 64 bytes until a 512-byte buffer is
full.
Toggling between the two buffers is automatically
managed as soon as 512 bytes have been trans-
mitted to USB (Upload mode) or received from
USB (Download), if the next buffer is available:
Otherwise, the endpoint is set to invalid until a
buffer has been released by the DTC.
11.3.4.2 Switching back to Normal Mode
The USB interface is reset by hardware in Normal
mode on reception of a packet with a length below
the maximum packet size. In this case, the few
bytes are received into one of the two 512-byte
buffers and the ST7 must process by software the
data received. For this purpose, the information in-
dicating which 512-byte buffer was last addressed
is given to the ST7 by the USB Data Buffer Manag-
er (BUFNUM bit in the BUFCSR register), and the
number of received bytes is obtained by reading
the USB interface registers. With these two items
of information, the ST7 can determine what kind of
data has been received, and what action has to be
taken.
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com