Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR4M1 Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST7265AR4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4M1 Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST7265AR4M1 Datasheet HTML 87Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 88Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 89Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 90Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 91Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 92Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 93Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 94Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 166 page
background image
ST7265x
91/166
16-BIT TIMER (Cont’d)
Table 28. 16-Bit Timer Register Map and Reset Values
Address
(Hex.)
Register
Name
76
54
32
10
20
TCR1
Reset Value
0
0
OCIE
0
TOIE
0
FOLV2
0
FOLV1
0
OLVL2
0
0
0
OLVL1
0
21
TCR2
Reset Value
OC1E
0
OC2E
0
0
0
0
0
CC1
0
CC0
0
0
0
0
0
22
TSR
Reset Value
0
0
OCF1
0
TOF
0
0
0
OCF2
0
0
0
0
0
0
0
23
CHR
Reset Value
MSB
11
1
1
1
1
1
LSB
1
24
CLR
Reset Value
MSB
11
1
1
1
1
0
LSB
0
25
ACHR
Reset Value
MSB
11
1
1
1
1
1
LSB
1
26
ACLR
Reset Value
MSB
11
1
1
1
1
0
LSB
0
27
OC1HR
Reset Value
MSB
10
0
0
0
0
0
LSB
0
28
OC1LR
Reset Value
MSB
00
0
0
0
0
0
LSB
0
29
OC2HR
Reset Value
MSB
10
0
0
0
0
0
LSB
0
2A
OC2LR
Reset Value
MSB
00
0
0
0
0
0
LSB
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com