Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR4M1 Datasheet(PDF) 74 Page - STMicroelectronics

Part # ST7265AR4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4M1 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button ST7265AR4M1 Datasheet HTML 70Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 71Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 72Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 73Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 74Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 75Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 76Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 77Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 166 page
background image
ST7265x
74/166
USB INTERFACE (Cont’d)
Bits 2:0 = ERR[2:0]
Error type.
These bits identify the type of error which oc-
curred:
Note: These bits are set by hardware when an er-
ror interrupt occurs and are reset automatically
when the error bit (ISTR bit 4) is cleared by soft-
ware.
ENDPOINT 0 REGISTER (EP0R)
Read/Write
Reset value: 0000 0000 (00h)
This register is used for controlling Endpoint 0. Bits
6:4 and bits 2:0 are also reset by a USB reset, ei-
ther received from the USB or forced through the
FRES bit in CTLR.
Bit 7 = CTR0
Correct Transfer.
This bit is set by hardware when a correct transfer
operation is performed on Endpoint 0. This bit
must be cleared after the corresponding interrupt
has been serviced.
0: No CTR on Endpoint 0
1: Correct transfer on Endpoint 0
Bit 6 = DTOG_TX
Data Toggle, for transmission
transfers.
It contains the required value of the toggle bit
(0=DATA0, 1=DATA1) for the next transmitted
data packet. This bit is set by hardware on recep-
tion of a SETUP PID. DTOG_TX toggles only
when the transmitter has received the ACK signal
from
the
USB
host.
DTOG_TX
and
also
DTOG_RX are normally updated by hardware, on
receipt of a relevant PID. They can be also written
by the user, both for testing purposes and to force
a specific (DATA0 or DATA1) token.
Bits 5:4 = STAT_TX [1:0]
Status bits, for transmis-
sion transfers.
These bits contain the information about the end-
point status, as listed below:
Table 20. Transmission Status Encoding
These bits are written by software. Hardware sets
the STAT_TX and STAT_RX bits to NAK when a
correct transfer has occurred (CTR=1) addressed
to this endpoint; this allows software to prepare the
next set of data to be transmitted.
Bit 3 = Reserved, forced by hardware to 0.
Bit 2 = DTOG_RX
Data Toggle, for reception
transfers.
It contains the expected value of the toggle bit
(0=DATA0, 1=DATA1) for the next data packet.
This bit is cleared by hardware in the first stage
(Setup Stage) of a control transfer (SETUP trans-
actions start always with DATA0 PID). The receiv-
er toggles DTOG_RX only if it receives a correct
data packet and the packet’s data PID matches
the receiver sequence bit.
ERR2 ERR1 ERR0
Meaning
0
0
0
No error
0
0
1
Bitstuffing error
0
1
0
CRC error
01
1
EOP error (unexpected end of
packet or SE0 not followed by
J-state)
10
0
PID error (PID encoding error,
unexpected or unknown PID)
10
1
Memory over / underrun (mem-
ory controller has not an-
swered in time to a memory
data request)
11
1
Other error (wrong packet,
timeout error)
70
CTR0
DTOG
_TX
STAT_
TX1
STAT_
TX0
0
DTOG
_RX
STAT_
RX1
STAT_
RX0
STAT_TX1 STAT_TX0
Meaning
00
DISABLED: no function can be
executed on this endpoint and
messages related to this end-
point are ignored.
01
STALL: the endpoint is stalled
and all transmission requests
result in a STALL handshake.
10
NAK: the endpoint is NAKed
and all transmission requests
result in a NAK handshake.
11
VALID: this endpoint is enabled
(if an address match occurs, the
USB interface handles the
transaction).
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com