Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR4M1 Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST7265AR4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4M1 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST7265AR4M1 Datasheet HTML 74Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 75Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 76Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 77Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 78Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 79Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 80Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 81Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 166 page
background image
ST7265x
78/166
USB INTERFACE (Cont’d)
Bit 2= DTOG_TX
Data Toggle, for transmission
transfers.
This bit contains the required value of the toggle
bit (0=DATA0, 1=DATA1) for the next data packet.
DTOG_TX and DTOG_RX are normally updated
by hardware, on receipt of a relevant PID. They
can be also written by the user, both for testing
purposes and to force a specific (DATA0 or
DATA1) token.
Bits 1:0 = STAT_TX [1:0]
Status bits, for transmis-
sion transfers.
These bits contain the information about the end-
point status, which is listed below
Table 25. Transmission Status Encoding
These bits are written by software, but hardware
sets the STAT_TX bits to NAK when a correct
transfer (CTR=1) addressed to this endpoint has
occurred. This allows software to prepare the next
set of data to be transmitted.
Note: These bits are write protected in upload
mode (MOD[1:0] =01b in the EP2RXR register)
RECEPTION COUNTER REGISTER (CNT0RXR,
CNT1RXR)
Read/Write
Reset Value: 0000 0000 (00h)
This register contains the allocated buffer size for
endpoint 0 or 1 reception, setting the maximum
number of bytes the related endpoint can receive
with the next OUT (or SETUP for Endpoint 0)
transaction. At the end of a reception, the value of
this register is the max size decremented by the
number of bytes received (to determine the
number of bytes received, the software must sub-
tract the content of this register from the allocated
buffer size).
RECEPTION COUNTER REGISTER (CNT2RXR)
Read/Write
Reset Value: 0000 0000 (00h)
This register contains the allocated buffer size for
endpoint
2
reception,
setting
the
maximum
number of bytes the related endpoint can receive
with the next OUT transaction. At the end of a re-
ception, the value of this register is the maximum
size decremented by the number of bytes received
(to determine the number of bytes received, the
software must subtract the content of this register
from the allocated buffer size).
TRANSMISSION COUNTER REGISTER
(CNT0TXR, CNT1TXR)
Read/Write
Reset Value 0000 0000 (00h)
This register contains the number of bytes to be
transmitted by Endpoint 0 or 1 at the next IN token
addressed to it.
TRANSMISSION COUNTER REGISTER
(CNT2TXR)
Read/Write
Reset Value 0000 0000 (00h)
This register contains the number of bytes to be
transmitted by Endpoint 2 at the next IN token ad-
dressed to it.
STAT_TX1 STAT_TX0
Meaning
00
DISABLED: transmission
transfers cannot be executed.
01
STALL: the endpoint is stalled
and all transmission requests
result in a STALL handshake.
10
NAK: the endpoint is naked
and all transmission requests
result in a NAK handshake.
11
VALID: this endpoint is ena-
bled for transmission.
70
0
0
0
CNT4 CNT3 CNT2 CNT1 CNT0
70
0
CNT6 CNT5 CNT4 CNT3 CNT2 CNT CNT0
70
0
0
0
CNT4 CNT3 CNT2 CNT1 CNT0
70
0
CNT6 CNT5 CNT4 CNT3 CNT2 CNT1 CNT0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com