Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR4M1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # ST7265AR4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4M1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button ST7265AR4M1 Datasheet HTML 13Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 14Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 15Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 16Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 17Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 18Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 19Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 20Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 166 page
background image
ST7265x
17/166
Figure 10. Sony Memory Stick Writer Application Example
(1) This line shows if the ST72F65 pin is controlled by the
ST7 core or by the DTC.
(2) As this is a single power supply application, the US-
BEN function in not needed. Thus PF4/USBEN pin can be
used as a normal I/O by configuring it as such by the op-
tion byte.
MultiMedia Card Pin
CMD
DAT
CLK
ST72F65 pin
PE5
PE6
PE7
ST7 / DTC (1)
DTC
DTC
DTC
VCC
USB
DP
DM
USBVDD
DTC
USB Port
FLASH
VDDF
VPP
GND
USB
4.7
µF
VDD
USBVDD
POWER
USB
MANAGEMENT
5V
DP
DM
GND
100nF
12V for
LED2
level translator
Flash prog.
REGULATOR
I/O
LOGIC
=4.0-5.5V
SONY
MEMORY STICK
PC3 PC1
VDD
PC2
(2)
100nF
100nF
1.5K
Ω
LED1
(connect to
GND if
not used)
PC0
CD
CLK BS DAT
4.7µF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com