Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR4M1 Datasheet(PDF) 36 Page - STMicroelectronics

Part # ST7265AR4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4M1 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button ST7265AR4M1 Datasheet HTML 32Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 33Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 34Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 35Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 36Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 37Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 38Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 39Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 166 page
background image
ST7265x
36/166
POWER SUPPLY MANAGEMENT (Cont’d)
Figure 25. Power Supply Management: Dual Power Supply
USB MODE
STAND-ALONE
STAND-ALONE
RESET
S/W
STAND-ALONE
USBVDD
VDD pin
PLL
48 MHz
CLOCK
CRYSTAL (12MHz)
PLL
CRYSTAL (12MHz)
S/W Reset
PLG INTERRUPT
ON
SUPPLY
USBVIT+
REQUEST
USBVIT-
STATUS
PROCESSING
12
1. Interrupt processing
2. Finish current processing
PROCESS.
STAND-ALONE
1 2
S/W Reset
PROCESSING
STAND-ALONE MODE
USBEN
HI-Z
HI-Z
voltage
SUPPLY
VOLTAGES
SOURCE
PLL OFF
PLL ON
PLL OFF
STABLE 48 MHz
UNDE
SIGNAL
ON/OFF
FINED3
NO CLOCK
3. PLL start-up time (automatically controlled by hardware following a software reset)
USB MODE
NO CLOCK
VPLLmin48
RESET
RESET
RESET
VIT+(LVD)
VIT-(LVD)
RST
4
4. PLL running with frequency in the range of 48 to 24 MHz (see section 13.3.3 on page 131)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com