Electronic Components Datasheet Search
  English  ▼

X  

ST7265AR4M1 Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST7265AR4M1
Description  LOW-POWER, FULL-SPEED USB 8-BIT MCU WITH 32K FLASH, 5K RAM, FLASH CARD I/F, TIMER, PWM, ADC, I2C, SPI
PDF  166 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7265AR4M1 Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST7265AR4M1 Datasheet HTML 158Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 159Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 160Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 161Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 162Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 163Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 164Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 165Page - STMicroelectronics ST7265AR4M1 Datasheet HTML 166Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 165 / 166 page
background image
ST7265x
165/166
16 SUMMARY OF CHANGES
Description of the changes between the current release of the specification and the previous one.
Revision
Main changes
Date
2.3
Added TQFP48 and SO34 packages
Changed device summary
Changed section 4.4 on page 22: “and the device can be reprogrammed” added
Added Section 4.7 “Related Documentation” on page 24
Changed section 7 on page 41: removed reference to EICR register (ISx bits are in the
MISCR1 and MISCR3 registers and not in the EICR register).
Changed section 9.1 on page 49: added an important note
Changed section 9.2.4 on page 53: removed references to a second solution when using bit
manipulation
Changed section 9.4 on page 54: modified description of D[7:0] bits
Added text specifying that the watchdog counter is a free-running downcounter: Section
11.1.2 and section 11.1.3 on page 58
Added the following tables: “FLASH Register Map and Reset Values” on page 24, “Miscel-
laneous Register Map and Reset Values” on page 57 and “16-Bit Timer Register Map and
Reset Values” on page 91
Added Section 11.3.5 and section 11.3.6 on page 70
Removed reference to PWM mode and One Pulse mode in the description of OLVL2 and
OCIE bits in section 11.4.6 on page 88
Updated section 11.6.5.4 on page 104 (removed reference to multimaster system)
Removed reference to BUSY flag in section 11.7.2 on page 109
Removed reference to BUSY bit and BERR bit in Table 34, “I2C Register Map,” on page 117
Added Section 11.7.5 and section 11.7.6 on page 113
Changed section 13.3.1 on page 130 and Figure 74
Changed section 13.7.1 on page 137 and added section 13.7.2 on page 138
Changed section 14 on page 156
Updated description of option byte 0 (section 15.1 on page 159)
Changed section 15.2 on page 160 and section 15.3 on page 162
Please read carefully Section 9 I/O PORTS
June 03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com