Electronic Components Datasheet Search
  English  ▼

X  

LMV7219 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7219
Description  7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7219 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV7219 Datasheet HTML 1Page - National Semiconductor (TI) LMV7219 Datasheet HTML 2Page - National Semiconductor (TI) LMV7219 Datasheet HTML 3Page - National Semiconductor (TI) LMV7219 Datasheet HTML 4Page - National Semiconductor (TI) LMV7219 Datasheet HTML 5Page - National Semiconductor (TI) LMV7219 Datasheet HTML 6Page - National Semiconductor (TI) LMV7219 Datasheet HTML 7Page - National Semiconductor (TI) LMV7219 Datasheet HTML 8Page - National Semiconductor (TI) LMV7219 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Machine Body
150V
Human Model Body
2000V
Differential Input Voltage
± Supply Voltage
Output Short Circuit Duration
(Note 3)
Supply Voltage (V
+ -V−)
5.5V
Soldering Information
Infrared or Convection (20
sec)
235˚C
Wave Soldering (10 sec)
260˚C (lead temp)
Voltage at Input/Output pins
(V
+) + 0.4V
(V
−) − 0.4V
Current at Input Pin (Note 9)
±10mA
Operating Ratings
Supply voltages (V
+ -V−)
2.7V to 5V
Operating Temperature
Range (Note 4)
−40˚C to +85˚C
Storage Temperature Range
−65˚C to +150˚C
Package Thermal Resistance
SC70-5
478˚C/W
SOT23-5
265˚C/W
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VCM =V
+/2, V+ = 2.7V, V− = 0V, C
L =10pFand RL > 1M
Ω to
V
−. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limit
(Note 6)
Units
V
OS
Input Offset Voltage
1
6
8
mV
max
I
B
Input Bias Current
450
950
2000
nA
max
I
OS
Input Offset Current
50
200
400
nA
max
CMRR
Common Mode Rejection Ratio
0V < V
CM < 1.50V
85
62
55
dB
min
PSRR
Power Supply Rejection Ratio
V
+ = 2.7V to 5V
85
65
55
dB
min
V
CM
Input Common-Voltage Range
CMRR > 50 dB
V
CC −1
V
CC −1.2
V
CC −1.3
V
min
−0.2
−0.1
0
V
max
V
O
Output Swing High
I
L = 4 mA,
V
ID = 500 mV
V
CC −0.22
V
CC −0.3
V
CC −0.4
V
min
I
L = 0.4 mA,
V
ID = 500 mV
V
CC −0.02
V
CC −0.05
V
CC −0.15
Output Swing Low
I
L =−4mA,
V
ID = −500 mV
130
200
300
mV
max
I
L = −0.4 mA,
V
ID = −500 mV
15
50
150
I
SC
Output Short Circuit Current
Sourcing,
V
O = 0V (Note 3)
20
mA
Sinking,
V
O = 2.7V (Note 3)
20
I
S
Supply Current
No Load
0.9
1.6
2.2
mA
max
V
HYST
Input Hysteresis Voltage
(Note 10)
7
mV
V
TRIP+
Input Referred Positive Trip Point
(see Figure 1)3
8
mV
max
V
TRIP−
Input Referred Negative Trip Point
(see Figure 1)−4
−8
mV
min
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com