Electronic Components Datasheet Search
  English  ▼

X  

LMV7219 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7219
Description  7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7219 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMV7219 Datasheet HTML 1Page - National Semiconductor (TI) LMV7219 Datasheet HTML 2Page - National Semiconductor (TI) LMV7219 Datasheet HTML 3Page - National Semiconductor (TI) LMV7219 Datasheet HTML 4Page - National Semiconductor (TI) LMV7219 Datasheet HTML 5Page - National Semiconductor (TI) LMV7219 Datasheet HTML 6Page - National Semiconductor (TI) LMV7219 Datasheet HTML 7Page - National Semiconductor (TI) LMV7219 Datasheet HTML 8Page - National Semiconductor (TI) LMV7219 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VCM =V
+/2, V+ = 5V, V− = 0V, C
L =10pFand RL > 1M
Ω to
V
−. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limit
(Note 6)
Units
t
PD
Propagation Delay
Overdrive=5mV
V
CM = 0V (Note 7)
9
ns
max
Overdrive = 15mV
V
CM = 0V (Note 7)
820
Overdrive = 50 mV
V
CM = 0V (Note 7)
719
t
SKEW
Propagation Delay Skew
(Note 8)
0.4
ns
t
r
Output Rise Time
10% to 90%
1.3
ns
t
f
Output Fall Time
90% to 10%
1.25
ns
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical characteristics.
Note 2: Human body model, 1.5 k
Ω in series with 100 pF. Machine model, 200Ω in series with 100 pF.
Note 3: Applies to both single-supply and split-supply operation. Continuous short circuit operation at elevated ambient temperature can result in exceeding the
maximum allowed junction temperature of 150˚C. Output currents in excess of ±30mA over long term may adversely affect reliability.
Note 4: The maximum power dissipation is a function of TJ(MAX), θJA, and TA. The maximum allowable power dissipation at any ambient temperature is
PD =(TJ(MAX) -TA)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 5: Typical Values represent the most likely parametric norm.
Note 6: All limits are guaranteed by testing or statistical analysis.
Note 7: Propagation delay measurements made with 100 mV steps. Overdrive is measure relative to VTrip.
Note 8: Propagation Delay Skew is defined as absolute value of the difference between tPDLH and tPDHL.
Note 9: Limiting input pin current is only necessary for input voltages that exceed absolute maximum input voltage ratings.
Note 10: The LMV7219 comparator has internal hysteresis. The trip points are the input voltage needed to change the output state in each direction. The offset
voltage is defined as the average of Vtrip+ and Vtrip−, while the hysteresis voltage is the difference of these two.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com