Electronic Components Datasheet Search
  English  ▼

X  

LMV7219 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7219
Description  7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7219 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button LMV7219 Datasheet HTML 4Page - National Semiconductor (TI) LMV7219 Datasheet HTML 5Page - National Semiconductor (TI) LMV7219 Datasheet HTML 6Page - National Semiconductor (TI) LMV7219 Datasheet HTML 7Page - National Semiconductor (TI) LMV7219 Datasheet HTML 8Page - National Semiconductor (TI) LMV7219 Datasheet HTML 9Page - National Semiconductor (TI) LMV7219 Datasheet HTML 10Page - National Semiconductor (TI) LMV7219 Datasheet HTML 11Page - National Semiconductor (TI) LMV7219 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Typical Performance Characteristics Unless otherwise specified, V
S = 5V, CL = 10 pF, TA =
25˚C (Continued)
Propagation Delay (t
PD+)
10105417
Application Section
LMV7219 is a single supply comparator with internal hyster-
esis, 7ns of propagation delay and only 1.1mA of supply
current.
The LMV7219 has a typical input common mode voltage
range of −0.2V below the ground to 1V below V
cc. The
differential input stage is a pair of PNP transistors, therefore,
the input bias current flows out of the device. If either of the
input signals falls below the negative common mode limit,
the parasitic PN junction formed by the substrate and the
base of the PNP will turn on, resulting in an increase of input
bias current.
If one of the inputs goes above the positive common mode
limit, the output will still maintain the correct logic level as
long as the other input stays within the common mode range.
However, the propagation delay will increase. When both
inputs are outside the common mode voltage range, current
saturation occurs in the input stage, and the output becomes
unpredictable.
The propagation delay does not increase significantly with
large differential input voltages. However, large differential
voltages greater than the supply voltage should be avoided
to prevent damages to the input stage.
The LMV7219 has a push pull output. When the output
switches, there is a direct path between V
CC and ground,
causing high output sinking or sourcing current during the
transition. After the transition, the output current decreases
and the supply current settles back to about 1.1mA at 5V,
thus conserving power consumption.
Most high-speed comparators oscillate when the voltage of
one of the inputs is close to or equal to the voltage on the
other input due to noise or undesirable feedback. The
LMV7219 have 7mV of internal hysteresis to counter para-
sitic effects and noise. The hysteresis does not change
significantly with the supply voltages and the common mode
input voltages as reflected in the specification table.
The internal hysteresis creates two trip points, one for the
rising input voltage and one for the falling input voltage. The
difference between the trip points is the hysteresis. With
internal hysteresis, when the comparator’s input voltages
are equal, the hysteresis effectively causes one comparator-
input voltage to move quickly past the other, thus taking the
input out of the region where oscillation occurs. Standard
comparators require hysteresis to be added with external
resistors. The fixed internal hysteresis eliminates these
resistors.
10105418
FIGURE 1. Input and Output Waveforms, Non-Inverting Input Varied
www.national.com
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com