Electronic Components Datasheet Search
  English  ▼

X  

LMV7219 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7219
Description  7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7219 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LMV7219 Datasheet HTML 4Page - National Semiconductor (TI) LMV7219 Datasheet HTML 5Page - National Semiconductor (TI) LMV7219 Datasheet HTML 6Page - National Semiconductor (TI) LMV7219 Datasheet HTML 7Page - National Semiconductor (TI) LMV7219 Datasheet HTML 8Page - National Semiconductor (TI) LMV7219 Datasheet HTML 9Page - National Semiconductor (TI) LMV7219 Datasheet HTML 10Page - National Semiconductor (TI) LMV7219 Datasheet HTML 11Page - National Semiconductor (TI) LMV7219 Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Additional Hysteresis
If additional hysteresis is desired, this can be done with the
addition of three resistors using positive feedback, as shown
in Figure 2. The positive feedback method slows the com-
parator response time. Calculate the resistor values as fol-
lows:
1) Select R3. The current through R3 should be greater than
the input bias current to minimize errors. The current through
R3 (I
F) at the trip point is (VREF -VOUT) /R3. Consider the two
possible output states when solving for R3, and use the
smaller of the two resulting resistor values. The two formulas
are:
R3=V
REF/IF
(when V
OUT =0)
R3=V
CC -VREF /IF
(V
OUT =VCC)
2) Choose a hysteresis band required (V
HB).
3) Calculate R1, where R1 = R3 X(V
HB/VCC)
4) Choose the trip point for V
IN rising. This is the threshold
voltage (V
THR) at which the comparator switches from low to
high as V
IN rises about the trip point.
5) Calculate R2 as follows:
6) Verify the trip voltage and hysteresis as follows:
This method is recommended for additional hysteresis of up
to a few hundred millivolts. Beyond that, the impedance of
R3 is low enough to affect the bias string and adjustment of
R1 may be also required.
Circuit Layout and Bypassing
The LMV7219 requires high-speed layout. Follow these lay-
out guidelines:
1. Power supply bypassing is critical, and will improve sta-
bility and transient response. A decoupling capacitor such as
0.1µF ceramic should be placed as close as possible to V
+
pin. An additional 2.2µF tantalum capacitor may be required
for extra noise reduction.
2. Keep all leads short to reduce stray capacitance and lead
inductance. It will also minimize unwanted parasitic feedback
around the comparator.
3. The device should be soldered directly to the PC board
instead of using a socket.
4. Use a PC board with a good, unbroken low inductance
ground plane. Make sure ground paths are low-impedance,
especially were heavier currents are flowing.
5. Input traces should be kept away from output traces. This
can be achieved by running a topside ground plane between
the output and inputs.
6. Run the ground trace under the device up to the bypass
capacitor to shield the inputs from the outputs.
7. To prevent parasitic feedback when input signals are
slow-moving, a small capacitor of 1000pF or less can be
placed between the inputs. It can also help eliminate oscil-
lations in the transition region. However, this capacitor can
cause some degradation to tpd when the source impedance
is low.
Zero-Crossing Detector
The inverting input is connected to ground and the non-
inverting input is connected to 100mVp-p signal. As the
signal at the non-inverting input crosses 0V, the compara-
tor’s output Changes State.
Threshold Detector
Instead of tying the inverting input to 0V, the inverting input
can be tied to a reference voltage. The non-inverting input is
connected to the input. As the input passes the V
REF thresh-
old, the comparator’s output changes state.
10105421
FIGURE 2. Additional Hysteresis
10105422
FIGURE 3. Zero-Crossing Detector
10105423
FIGURE 4. Threshold Detector
www.national.com
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com