Electronic Components Datasheet Search
  English  ▼

X  

LMV7219 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7219
Description  7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7219 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LMV7219 Datasheet HTML 1Page - National Semiconductor (TI) LMV7219 Datasheet HTML 2Page - National Semiconductor (TI) LMV7219 Datasheet HTML 3Page - National Semiconductor (TI) LMV7219 Datasheet HTML 4Page - National Semiconductor (TI) LMV7219 Datasheet HTML 5Page - National Semiconductor (TI) LMV7219 Datasheet HTML 6Page - National Semiconductor (TI) LMV7219 Datasheet HTML 7Page - National Semiconductor (TI) LMV7219 Datasheet HTML 8Page - National Semiconductor (TI) LMV7219 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2.7V Electrical Characteristics (Continued)
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VCM =V
+/2, V+ = 2.7V, V− = 0V, C
L =10pFand RL > 1M
Ω to
V
−. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limit
(Note 6)
Units
t
PD
Propagation Delay
Overdrive=5mV
V
CM = 0V (Note 7)
12
ns
max
Overdrive = 15 mV
V
CM = 0V (Note 7)
11
Overdrive = 50 mV
V
CM = 0V (Note 7)
10
20
t
SKEW
Propagation Delay Skew
(Note 8)
1
ns
t
r
Output Rise Time
10% to 90%
2.5
ns
t
f
Output Fall Time
90% to 10%
2
ns
5V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VCM =V
+/2, V+ = 5V, V− = 0V, C
L =10pFand RL > 1M
Ω to
V
−. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Typ
(Note 5)
Limit
(Note 6)
Units
V
OS
Input Offset Voltage
1
6
8
mV
max
I
B
Input Bias Current
500
950
2000
nA
max
I
OS
Input Offset Current
50
200
400
nA
max
CMRR
Common Mode Rejection Ratio
0V < V
CM < 3.8V
85
65
55
dB
min
PSRR
Power Supply Rejection Ratio
V
+ = 2.7V to 5V
85
65
55
dB
min
V
CM
Input Common-Mode Voltage Range
CMRR > 50 dB
V
CC −1
V
CC −1.2
V
CC −1.3
V
min
−0.2
−0.1
0
V
max
V
O
Output Swing High
I
L = 4 mA,
V
ID = 500 mV
V
CC −0.13
V
CC −0.2
V
CC −0.3
V
min
I
L = 0.4 mA,
V
ID = 500 mV
V
CC −0.02
V
CC −0.05
V
CC −0.15
Output Swing Low
I
L =−4mA,
V
ID = −500 mV
80
180
280
mV
max
I
L = −0.4 mA,
V
ID = −500 mV
10
50
150
I
SC
Output Short Circuit Current
Sourcing, V
O =0V
(Note 3)
68
30
20
mA
min
Sinking, V
O =5V
(Note 3)
65
30
20
I
S
Supply Current
No Load
1.1
1.8
2.4
mA
max
V
HYST
Input Hysteresis Voltage
(Note 10)
7.5
mV
V
Trip+
Input Referred Positive Trip Point
(See figure 1)
3.5
8
mV
max
V
Trip−
Input Referred Negative Trip Point
(See figure 1)
−4
−8
mV
min
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com