Electronic Components Datasheet Search
  English  ▼

X  

LMV7219 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV7219
Description  7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV7219 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV7219 Datasheet HTML 1Page - National Semiconductor (TI) LMV7219 Datasheet HTML 2Page - National Semiconductor (TI) LMV7219 Datasheet HTML 3Page - National Semiconductor (TI) LMV7219 Datasheet HTML 4Page - National Semiconductor (TI) LMV7219 Datasheet HTML 5Page - National Semiconductor (TI) LMV7219 Datasheet HTML 6Page - National Semiconductor (TI) LMV7219 Datasheet HTML 7Page - National Semiconductor (TI) LMV7219 Datasheet HTML 8Page - National Semiconductor (TI) LMV7219 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LMV7219
7 nsec, 2.7V to 5V Comparator with Rail-to-Rail Output
General Description
The LMV7219 is a low-power, high-speed comparator with
internal hysteresis. The LMV7219 operating voltage ranges
from 2.7V to 5V with push/pull rail-to-rail output. This device
achieves a 7ns propagation delay while consuming only
1.1mA of supply current at 5V.
The LMV7219 inputs have a common mode voltage range
that extends 200mV below ground, allowing ground sensing.
The internal hysteresis ensures clean output transitions even
with slow-moving inputs signals.
The LMV7219 is available in the SC70-5 and SOT23-5
packages, which are ideal for systems where small size and
low power are critical.
Features
(V
S =5V, TA = 25˚C, Typical values unless specified)
n
Propagation delay
7ns
n
Low supply current
1.1mA
n
Input common mode voltage range extends 200mv
below ground
n
Ideal for 2.7V and 5V single supply applications
n
Internal hysteresis ensures clean switching
n
Fast rise and fall time
1.3ns
n
Available in space-saving packages:
5-pin SC70-5 and
SOT23-5
Applications
n
Portable and battery-powered systems
n
Scanners
n
Set top boxes
n
High speed differential line receiver
n
Window comparators
n
Zero-crossing detectors
n
High-speed sampling circuits
Typical Application
10105401
November 2004
© 2004 National Semiconductor Corporation
DS101054
www.national.com


Similar Part No. - LMV7219

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7219 NSC-LMV7219 Datasheet
282Kb / 12P
7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
LMV7219 TI1-LMV7219 Datasheet
1Mb / 27P
LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
logo
National Semiconductor ...
LMV7219M5 NSC-LMV7219M5 Datasheet
282Kb / 12P
7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
logo
Texas Instruments
LMV7219M5 TI1-LMV7219M5 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
More results

Similar Description - LMV7219

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV7219 NSC-LMV7219 Datasheet
282Kb / 12P
7 nsec, 2.7V to 5V Comparator with Rail-to Rail Output
logo
Fairchild Semiconductor
KM4110 FAIRCHILD-KM4110 Datasheet
288Kb / 11P
0.5mA, Low Cost, 2.7V & 5V, 75MHz Rail-to-Rail Amplifiers
KM4111 FAIRCHILD-KM4111 Datasheet
151Kb / 10P
0.2mA, Low Cost, 2.7V & 5V, 35MHz Rail-to-Rail Amplifiers
KM4112 FAIRCHILD-KM4112 Datasheet
139Kb / 9P
70A, Low Cost, 2.7V & 5V, 7.3MHz Rail-to-Rail Amplifier
logo
Linear Technology
LT1719 LINER-LT1719 Datasheet
217Kb / 16P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_1 Datasheet
215Kb / 20P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
LT1719 LINER-LT1719_15 Datasheet
220Kb / 22P
4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
Comparator with Rail-to-Rail Output
LMV7219 TI1-LMV7219_16 Datasheet
1Mb / 27P
LMV7219 7-ns 2.7-V to 5-V Comparator with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com