Electronic Components Datasheet Search
  English  ▼

X  

ADP120 Datasheet(PDF) 7 Page - Analog Devices

Part # ADP120
Description  100 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP120 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADP120 Datasheet HTML 3Page - Analog Devices ADP120 Datasheet HTML 4Page - Analog Devices ADP120 Datasheet HTML 5Page - Analog Devices ADP120 Datasheet HTML 6Page - Analog Devices ADP120 Datasheet HTML 7Page - Analog Devices ADP120 Datasheet HTML 8Page - Analog Devices ADP120 Datasheet HTML 9Page - Analog Devices ADP120 Datasheet HTML 10Page - Analog Devices ADP120 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADP120
Rev. A | Page 7 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 2.3 V, VOUT = 1.8 V, IOUT = 10 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
1.804
1.790
1.792
1.794
1.796
1.798
1.800
1.802
TJ (°C)
–40°C
–5°C
25°C
85°C
125°C
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
Figure 5. Output Voltage vs. Junction Temperature
1.805
1.795
1.797
1.799
1.801
0.01
0.1
1
10
100
1.803
ILOAD (mA)
Figure 6. Output Voltage vs. Load Current
1.805
1.795
1.797
1.799
1.801
1.803
VIN (V)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
2.3
5.5
5.3
4.9
4.5
4.1
3.7
3.1 3.3
2.7
5.1
4.7
4.3
3.9
3.5
2.9
2.5
Figure 7. Output Voltage vs. Input Voltage
35
30
25
20
15
10
5
0
TJ (°C)
–40°C
–5°C
25°C
85°C
125°C
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
Figure 8. Ground Current vs. Junction Temperature
30
0
5
10
15
20
25
0.01
0.1
1
10
100
ILOAD (mA)
Figure 9. Ground Current vs. Load Current
30
25
20
15
10
5
0
VIN (V)
LOAD = 10µA
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
2.3
5.5
5.3
4.9
4.5
4.1
3.7
3.1 3.3
2.7
5.1
4.7
4.3
3.9
3.5
2.9
2.5
Figure 10. Ground Current vs. Input Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com