Electronic Components Datasheet Search
  English  ▼

X  

ADP120 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP120
Description  100 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP120 Datasheet(HTML) 3 Page - Analog Devices

  ADP120 Datasheet HTML 1Page - Analog Devices ADP120 Datasheet HTML 2Page - Analog Devices ADP120 Datasheet HTML 3Page - Analog Devices ADP120 Datasheet HTML 4Page - Analog Devices ADP120 Datasheet HTML 5Page - Analog Devices ADP120 Datasheet HTML 6Page - Analog Devices ADP120 Datasheet HTML 7Page - Analog Devices ADP120 Datasheet HTML 8Page - Analog Devices ADP120 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADP120
Rev. A | Page 3 of 20
SPECIFICATIONS
VIN = (VOUT + 0.4 V) or 2.3 V, whichever is greater; EN = VIN, IOUT = 10 mA, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +125°C
2.3
5.5
V
OPERATING SUPPLY CURRENT
IGND
IOUT = 0 μA
11
μA
IOUT = 0 μA, TJ = −40°C to +125°C
21
μA
IOUT = 10 mA
15
μA
IOUT = 10 mA, TJ = −40°C to +125°C
29
μA
IOUT = 100 mA
22
μA
IOUT = 100 mA, TJ = −40°C to +125°C
35
μA
SHUTDOWN CURRENT
IGND-SD
EN = GND
0.1
μA
EN = GND, TJ = −40°C to +125°C
1.5
μA
FIXED OUTPUT VOLTAGE ACCURACY
VOUT
IOUT = 10 mA
−1
+1
%
100 μA < IOUT < 100 mA, VIN = (VOUT + 0.4 V) to 5.5 V
−2
+2
%
100 μA < IOUT < 100 mA, VIN = (VOUT + 0.4 V) to 5.5 V,
TJ = −40°C to +125°C
−2.5
+2.5
%
REGULATION
Line Regulation
∆VOUT/∆VIN
VIN = (VOUT + 0.4 V) to 5.5 V, IOUT = 1 mA,
TJ = −40°C to +125°C
−0.03
+0.03
%/ V
Load Regulation1
∆VOUT/∆IOUT
IOUT = 1 mA to 100 mA
0.001
%/mA
IOUT = 1 mA to 100 mA, TJ = −40°C to +125°C
0.005
%/mA
DROPOUT VOLTAGE2
VDROPOUT
VOUT = 3.3 V
TSOT
IOUT = 10 mA
8
mV
IOUT = 10 mA, TJ = −40°C to +125°C
12
mV
IOUT = 100 mA
80
mV
IOUT = 100 mA, TJ = −40°C to +125°C
120
mV
WLCSP
IOUT = 10 mA
6
mV
IOUT = 10 mA, TJ = −40°C to +125°C
9
mV
IOUT = 100 mA
60
mV
IOUT = 100 mA, TJ = −40°C to +125°C
90
mV
START-UP TIME3
tSTART-UP
VOUT = 3.3 V
120
μs
CURRENT LIMIT THRESHOLD4
ILIMIT
110
180
350
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
150
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
EN INPUT
EN Input Logic High
VIH
2.3 V ≤ VIN ≤ 5.5 V
1.2
V
EN Input Logic Low
VIL
2.3 V ≤ VIN ≤ 5.5 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN = VIN or GND
0.05
μA
EN = VIN or GND, TJ = −40°C to +125°C
1
μA
UNDERVOLTAGE LOCKOUT
UVLO
Input Voltage Rising
UVLORISE
TJ = −40°C to +125°C
2.25
V
Input Voltage Falling
UVLOFALL
TJ = −40°C to +125°C
1.5
V
Hysteresis
UVLOHYS
120
mV
OUTPUT NOISE
OUTNOISE
10 Hz to 100 kHz, VIN = 5 V, VOUT = 3.3 V
65
μV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 2.5 V
52
μV rms
10 Hz to 100 kHz, VIN = 5 V, VOUT = 1.2 V
40
μV rms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com