Electronic Components Datasheet Search
  English  ▼

X  

ADP120 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP120
Description  100 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP120 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP120 Datasheet HTML 10Page - Analog Devices ADP120 Datasheet HTML 11Page - Analog Devices ADP120 Datasheet HTML 12Page - Analog Devices ADP120 Datasheet HTML 13Page - Analog Devices ADP120 Datasheet HTML 14Page - Analog Devices ADP120 Datasheet HTML 15Page - Analog Devices ADP120 Datasheet HTML 16Page - Analog Devices ADP120 Datasheet HTML 17Page - Analog Devices ADP120 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADP120
Rev. A | Page 14 of 20
CURRENT-LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP120 is protected against damage due to excessive
power dissipation by current and thermal overload protection
circuits. The ADP120 is designed to current limit when the
output load reaches 150 mA (typical). When the output load
exceeds 150 mA, the output voltage reduces to maintain a
constant current limit.
Thermal overload protection is built-in, limiting the junction
temperature to a maximum of 150°C (typical). Under extreme
conditions (that is, high ambient temperature and power dissi-
pation) when the junction temperature starts to rise above 150°C,
the output turns off, reducing the output current to zero. When
the junction temperature drops below 135°C, the output turns
on again thereby restoring output current to its nominal value.
Consider the case where a hard short from VOUT to GND
occurs. At first, the ADP120 current limits, conducting only
150 mA into the short. If self-heating of the junction is great
enough to cause its temperature to rise above 150°C, thermal
shutdown activates, turning off the output and reducing the
output current to zero. As the junction temperature cools and
drops below 135°C, the output turns on and conducts 150 mA
into the short, again causing the junction temperature to rise
above 150°C. This thermal oscillation between 135°C and 150°C
causes a current oscillation between 150 mA and 0 mA that
continues as long as the short remains at the output.
Current- and thermal-limit protections are intended to protect
the device against accidental overload conditions. For reliable
operation, device power dissipation must be externally limited
to prevent junction temperatures from exceeding 125°C.
THERMAL CONSIDERATIONS
In most applications, the ADP120 does not dissipate much heat
due to its high efficiency. However, in applications with high
ambient temperature and high supply voltage-to-output voltage
differential, the heat dissipated in the package is large enough to
cause the junction temperature of the die to exceed the maximum
junction temperature of 125°C.
When the junction temperature exceeds 150°C, the converter
enters thermal shutdown. It recovers only after the junction
temperature has decreased below 135°C to prevent any permanent
damage. Therefore, thermal analysis for the chosen application
is very important to guarantee reliable performance over all
conditions. The junction temperature of the die is the sum of
the ambient temperature of the environment and the tempera-
ture rise of the package due to the power dissipation, as shown
in Equation 2.
To guarantee reliable operation, the junction temperature of
the ADP120 must not exceed 125°C. To ensure the junction
temperature stays below this maximum value, the user needs to
be aware of the parameters that contribute to junction
temperature changes. These parameters include ambient temper-
ature, power dissipation in the power device, and thermal
resistances between the junction and ambient air (θJA). The θJA
number is dependent on the package assembly compounds that
are used and the amount of copper used to solder the package
GND pins to the PCB. Table 6 shows typical θJA values of the
5-lead TSOT and 4-ball WLCSP packages for various PCB
copper sizes. Table 7 shows the typical ΨJB value of the 5-lead
TSOT and 4-ball WLCSP.
Table 6. Typical θJA Values
Copper Size (mm2)
θJA (°C/W)
TSOT
WLCSP
01
170
260
50
152
159
100
146
157
300
134
153
500
131
151
1 Device soldered to minimum size pin traces.
Table 7. Typical ΨJB Values
ΨJB (°C/W)
TSOT
WLCSP
42.8
58.4
The junction temperature of the ADP120 can be calculated
from the following equation:
TJ = TA + (PD × θJA)
(2)
where:
TA is the ambient temperature.
PD is the power dissipation in the die, given by
PD = [(VIN − VOUT) × ILOAD] + (VIN × IGND)
(3)
where:
ILOAD is the load current.
IGND is the ground current.
VIN and VOUT are input and output voltages, respectively.
Power dissipation due to ground current is quite small and
can be ignored. Therefore, the junction temperature equation
simplifies to the following:
TJ = TA + {[(VIN − VOUT) × ILOAD] × θJA}
(4)
As shown in Equation 4, for a given ambient temperature, input-
to-output voltage differential, and continuous load current, there
exists a minimum copper size requirement for the PCB to ensure
the junction temperature does not rise above 125°C. The following
figures show junction temperature calculations for different
ambient temperatures, load currents, VIN-to-VOUT differentials,
and areas of PCB copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com