Electronic Components Datasheet Search
  English  ▼

X  

ADP120 Datasheet(PDF) 19 Page - Analog Devices

Part # ADP120
Description  100 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP120 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADP120 Datasheet HTML 12Page - Analog Devices ADP120 Datasheet HTML 13Page - Analog Devices ADP120 Datasheet HTML 14Page - Analog Devices ADP120 Datasheet HTML 15Page - Analog Devices ADP120 Datasheet HTML 16Page - Analog Devices ADP120 Datasheet HTML 17Page - Analog Devices ADP120 Datasheet HTML 18Page - Analog Devices ADP120 Datasheet HTML 19Page - Analog Devices ADP120 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADP120
Rev. A | Page 19 of 20
ORDERING GUIDE
Model
Temperature Range
Output
Voltage (V)1
Package Description
Package
Option
Branding
ADP120-AUJZ12R72
–40°C to +125°C
1.2
5-Lead TSOT
UJ-5
L9R
ADP120-AUJZ15R72
–40°C to +125°C
1.5
5-Lead TSOT
UJ-5
L9Q
ADP120-AUJZ18R72
–40°C to +125°C
1.8
5-Lead TSOT
UJ-5
L9P
ADP120-AUJZ33R72
–40°C to +125°C
3.3
5-Lead TSOT
UJ-5
L9N
ADP120-ACBZ12R72
–40°C to +125°C
1.2
4-Ball WLCSP
CB-4-2
LBJ
ADP120-ACBZ15R72
–40°C to +125°C
1.5
4-Ball WLCSP
CB-4-2
LBK
ADP120-ACBZ155R72
–40°C to +125°C
1.55
4-Ball WLCSP
CB-4-2
LBL
ADP120-ACBZ16R72
–40°C to +125°C
1.6
4-Ball WLCSP
CB-4-2
LBM
ADP120-ACBZ165R72
–40°C to +125°C
1.65
4-Ball WLCSP
CB-4-2
LBN
ADP120-ACBZ17R72
–40°C to +125°C
1.7
4-Ball WLCSP
CB-4-2
LBP
ADP120-ACBZ175R72
–40°C to +125°C
1.75
4-Ball WLCSP
CB-4-2
LBQ
ADP120-ACBZ18R72
–40°C to +125°C
1.8
4-Ball WLCSP
CB-4-2
LBR
ADP120-ACBZ188R72
–40°C to +125°C
1.875
4-Ball WLCSP
CB-4-2
LBS
ADP120-ACBZ20R72
–40°C to +125°C
2.0
4-Ball WLCSP
CB-4-2
LBT
ADP120-ACBZ25R72
–40°C to +125°C
2.5
4-Ball WLCSP
CB-4-2
LBU
ADP120-ACBZ278R72
–40°C to +125°C
2.775
4-Ball WLCSP
CB-4-2
LBV
ADP120-ACBZ28R72
–40°C to +125°C
2.8
4-Ball WLCSP
CB-4-2
LBW
ADP120-ACBZ29R72
–40°C to +125°C
2.9
4-Ball WLCSP
CB-4-2
LBX
ADP120-ACBZ30R72
–40°C to +125°C
3.0
4-Ball WLCSP
CB-4-2
LBY
ADP120-ACBZ33R72
–40°C to +125°C
3.3
4-Ball WLCSP
CB-4-2
LBZ
ADP120-33-EVALZ2
3.3
ADP120 3.3 V Output Evaluation Board
ADP120-18-EVALZ2
1.8
ADP120 1.8 V Output Evaluation Board
ADP120-15-EVALZ2
1.5
ADP120 1.5 V Output Evaluation Board
ADP120-12-EVALZ2
1.2
ADP120 1.2 V Output Evaluation Board
ADP120CB-2.8-EVALZ2
2.8
ADP120 WLCSP 2.8 V Output Evaluation Board
ADP120CB-2.5-EVALZ2
2.5
ADP120 WLCSP 2.5 V Output Evaluation Board
ADP120CB-1.8-EVALZ2
1.8
ADP120 WLCSP 1.8 V Output Evaluation Board
ADP120CB-1.5-EVALZ2
1.5
ADP120 WLCSP 1.5 V Output Evaluation Board
ADP120CB-1.2-EVALZ2
1.2
ADP120 WLCSP 1.2 V Output Evaluation Board
1 For additional voltage options, contact your local Analog Devices, Inc., sales or distribution representative.
2 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com