Electronic Components Datasheet Search
  English  ▼

X  

ADP120 Datasheet(PDF) 9 Page - Analog Devices

Part # ADP120
Description  100 mA, Low Quiescent Current, CMOS Linear Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP120 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADP120 Datasheet HTML 5Page - Analog Devices ADP120 Datasheet HTML 6Page - Analog Devices ADP120 Datasheet HTML 7Page - Analog Devices ADP120 Datasheet HTML 8Page - Analog Devices ADP120 Datasheet HTML 9Page - Analog Devices ADP120 Datasheet HTML 10Page - Analog Devices ADP120 Datasheet HTML 11Page - Analog Devices ADP120 Datasheet HTML 12Page - Analog Devices ADP120 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
ADP120
Rev. A | Page 9 of 20
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100k
10k
1k
100
10M
1M
FREQUENCY (Hz)
100mA
VRIPPLE = 50mV
VIN = 5V
VOUT = 1.2V
COUT = 1µF
10mA
1mA
100µA
NO LOAD
Figure 17. Power Supply Rejection Ratio vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100k
10k
1k
100
10M
1M
FREQUENCY (Hz)
100mA
VRIPPLE = 50mV
VIN = 5V
VOUT = 1.8V
COUT = 1µF
10mA
1mA
100µA
NO LOAD
Figure 18. Power Supply Rejection Ratio vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100k
10k
1k
100
10M
1M
FREQUENCY (Hz)
100mA
VRIPPLE = 50mV
VIN = 5V
VOUT = 3.3V
COUT = 1µF
10mA
1mA
100µA
NO LOAD
Figure 19. Power Supply Rejection Ratio vs. Frequency
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
10
100k
10k
1k
100
10M
1M
FREQUENCY (Hz)
3.3V/100mA
3.3V/100µA
1.2V/100mA
1.2V/100µA
1.8V/100mA
1.8V/100µA
Figure 20. Power Supply Rejection Ratio vs. Frequency,
Various Output Voltages and Load Currents
10
0.01
0.1
1
10
10k
1k
100
100k
FREQUENCY (Hz)
1.2V
1.8V
3.3V
Figure 21. Output Noise Spectrum, VIN = 5 V, ILOAD = 10 mA, COUT = 1 μF
70
60
50
40
30
20
10
0
0.001
0.01
0.1
1
10
100
ILOAD (mA)
3.3V
2.5V
1.8V
1.5V
1.2V
Figure 22. Output Noise vs. Load Current and Output Voltage
VIN = 5 V, COUT = 1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com