Electronic Components Datasheet Search
  English  ▼

X  

HT80C51 Datasheet(PDF) 100 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 100 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 96Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 97Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 98Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 99Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 100Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 101Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 102Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 103Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 104Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Page 100 of 132
© Philips Electronics N.V. 2005
CPL A
Function: Complement Accumulator
Description: Each bit of the Accumulator is logically complemented (one’s complement). Bits which previously
contained a one are changed to a zero and vice-versa. No flags are affected.
Example: The Accumulator contains 5CH (01011100B). The instruction,
CPL A
will leave the Accumulator set to 0A3H (10100011B).
Bytes: 1
Cycles: 1
Encoding:
Operation: CPL
(A)
← ¬ (A)
CPL bit
Function: Complement bit
Description: The bit variable specified is complemented. A bit which had been a one is changed to zero and
vice-versa. No other flags are affected. CPL can operate on the carry or any directly addressable
bit.
Note: When this instruction is used to modify an output pin, the value used as the original data will
be read from the output data latch, not the input pin.
Example: Port 1 has previously been written with 5DH (01011101B). The instruction sequence,
CPL P1.1
CPL P1.2
will leave the port set to 5BH (01011011B).
CPL C
Bytes: 1
Cycles: 1
Encoding:
Operation: CPL
(C)
←¬ (C)
CPL bit
Bytes: 2
Cycles: 1
Encoding:
Operation: CPL
(bit)
← ¬ (bit)
1
1
1
1
0
1
0
0
1
0
1
1
0
0
1
1
1
0
1
1
0
0
1
0
bit address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com