Electronic Components Datasheet Search
  English  ▼

X  

HT80C51 Datasheet(PDF) 102 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 102 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 98Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 99Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 100Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 101Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 102Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 103Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 104Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 105Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 106Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Page 102 of 132
© Philips Electronics N.V. 2005
DEC byte
Function: Decrement
Description: The variable indicated is decremented by 1. An original value of 00H will underflow to 0FFH. No
flags are affected. Four operand addressing modes are allowed: accumulator, register, direct, or
register-indirect.
Note: When this instruction is used to modify an output port, the value used as the original data
will be read from the output data latch, not the input pin.
Example: Register 0 contains 7FH (01111111B). Internal RAM locations 7EH and 7FH contain 00H and
40H, respectively. The instruction sequence,
DEC @R0
DEC R0
DEC @R0
will leave register 0 set to 7EH and internal RAM locations 7EH and 7FH set to 0FFH and 3FH.
DEC A
Bytes: 1
Cycles: 1
Encoding:
Operation: DEC
(A)
← (A) – 1
DEC Rn
Bytes: 1
Cycles: 1
Encoding:
Operation: DEC
(Rn)
← (Rn) – 1
DEC direct
Bytes: 2
Cycles: 1
Encoding:
Operation: DEC
(direct)
← (direct) – 1
DEC @Ri
Bytes: 1
Cycles: 1
Encoding:
Operation: DEC
((Ri))
← ((Ri)) – 1
0
0
0
1
0
1
0
0
0
0
0
1
1
r
r
r
0
0
0
1
0
1
0
1
direct address
0
0
0
1
0
1
1
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com