Electronic Components Datasheet Search
  English  ▼

X  

HT80C51 Datasheet(PDF) 105 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 105 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 101Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 102Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 103Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 104Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 105Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 106Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 107Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 108Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 109Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 132 page
background image
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Handshake Solutions
© Philips Electronics N.V. 2005
Page 105 of 132
INC <byte>
Function: Increment
Description: INC increments the indicated variable by 1. An original value of 0FFH will overflow to 00H. No
flags are affected. Three addressing modes are allowed: register, direct, or register-indirect.
Note: When this instruction is used to modify an output port, the value used as the original port
data will be read from the output data latch, not the input pins.
Example: Register 0 contains 7EH (01111110B). Internal RAM locations 7EH and 7FH contain 0FFH and
40H, respectively. The instruction sequence,
INC @R0
INC R0
INC @R0
will leave register 0 set to 7FH and internal RAM locations 7EH and 7FH holding (respectively)
00H and 41H.
INC A
Bytes: 1
Cycles: 1
Encoding:
Operation: INC
(A)
← (A) + 1
INC Rn
Bytes: 1
Cycles: 1
Encoding:
Operation: INC
(Rn)
← (Rn) + 1
INC direct
Bytes: 2
Cycles: 1
Encoding:
Operation: INC
(direct)
← (direct) + 1
INC @Ri
Bytes: 1
Cycles: 1
Encoding:
Operation: INC
((Ri))
← ((Ri)) + 1
0
0
0
0
0
1
0
0
0
0
0
0
1
r
r
r
0
0
0
0
0
1
0
1
direct address
0
0
0
0
0
1
1
i



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com