Electronic Components Datasheet Search
  English  ▼

X  

HT80C51 Datasheet(PDF) 107 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 107 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 103Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 104Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 105Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 106Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 107Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 108Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 109Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 110Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 111Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 132 page
background image
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Handshake Solutions
© Philips Electronics N.V. 2005
Page 107 of 132
JBC bit,rel
Function: Jump if Bit is set and Clear bit
Description: If the indicated bit is a one, branch to the address indicated; otherwise proceed with the next in-
struction. The bit will not be cleared if it is already a zero. The branch destination is computed by
adding the signed relative-displacement in the third instruction byte to the PC, after incrementing
the PC to the first byte of the next instruction. No flags are affected.
Note: When this instruction is used to test an output pin, the value used as the original data will
read from the output data latch, not the input pin.
Example: The Accumulator holds 56H (01010110B). The instruction sequence,
JBC ACC.3,LABEL1
JBC ACC.2,LABEL2
will cause program execution to continue at the instruction identified by the LABEL2, with the Ac-
cumulator modified to 52H (01010010B).
Bytes: 3
Cycles: 2
Encoding:
Operation: JBC
(PC)
← (PC) + 3
IF (bit) = 1
THEN
(bit)
← 0
(PC)
← (PC) + rel
JC rel
Function: Jump if Carry is set
Description: If the carry flag is set, branch to the address indicated; otherwise proceed with the next instruc-
tion. The branch destination is computed by adding the signed relative-displacement in the sec-
ond instruction byte to the PC, after incrementing the PC twice. No flags are affected.
Example: The carry flag is cleared. The instruction sequence,
JC LABEL1
CPL C
JC LABEL2
will set the carry and cause program execution to continue at the instruction identified by the label
LABEL2.
Bytes: 2
Cycles: 2
Encoding:
Operation: JC
(PC)
← (PC) + 2
IF (C) = 1
THEN
(PC)
← (PC) + rel
0
0
0
1
0
0
0
0
bit address
rel. address
0
1
0
0
0
0
0
0
rel. address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com