Electronic Components Datasheet Search
  English  ▼

X  

HT80C51 Datasheet(PDF) 110 Page - List of Unclassifed Manufacturers

Part # HT80C51
Description  User Manual Document Information
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

HT80C51 Datasheet(HTML) 110 Page - List of Unclassifed Manufacturers

Back Button HT80C51 Datasheet HTML 106Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 107Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 108Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 109Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 110Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 111Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 112Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 113Page - List of Unclassifed Manufacturers HT80C51 Datasheet HTML 114Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 132 page
background image
Handshake Solutions
HT80C51 User Manual
80C51 Family Instruction Set – Instruction definitions
Page 110 of 132
© Philips Electronics N.V. 2005
JZ rel
Function: Jump if Accumulator Zero
Description: If all bits of the Accumulator are zero, branch to the indicated address; otherwise proceed with the
next instruction. The branch destination is computed by adding the signed relative-displacement in
the second instruction byte to the PC, after incrementing the PC twice. The Accumulator is not
modified. No flags are affected.
Example: The Accumulator originally holds 01H. The instruction sequence,
JZ LABEL1
DEC A
JZ LABEL2
will change the Accumulator to 00H and cause program execution to continue at the instruction
identified by the label LABEL2.
Bytes: 2
Cycles: 2
Encoding:
Operation: JZ
(PC)
← (PC) + 2
IF A = 0
THEN
(PC)
← (PC) + rel
LCALL addr16
Function: Long Call
Description: LCALL calls a subroutine located at the indicated address. The instruction adds three to the pro-
gram counter to generate the address of the next instruction and then pushes the 16-bit result
onto the stack (low byte first), incrementing the Stack Pointer by two. The high-order and low-
order bytes of the PC are then loaded, respectively, with the second and third bytes of the LCALL
instruction. Program execution continues with the instruction at this address. The subroutine may
therefore begin anywhere in the full 64k-byte program memory address space. No flags are af-
fected.
Example: Initially the Stack Pointer equals 07H. The label “SUBRTN” is assigned to program memory loca-
tion 1234H. After executing the instruction,
LCALL SUBRTN
at location 0123H, the Stack Pointer will contain 09H, internal RAM locations 08H and 09H will
contain 26H and 01H, and the PC will contain 1235H.
Bytes: 3
Cycles: 2
Encoding:
Operation: LCALL
(PC)
← (PC) + 3
(SP)
← (SP) + 1
((SP))
← (PC7-0)
(SP)
← (SP) + 1
((SP))
← (PC15-8)
(PC)
← addr15-0
0
1
1
0
0
0
0
0
rel. address
0
0
0
1
0
0
1
0
addr15-addr8
addr7-addr0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com