Electronic Components Datasheet Search
  English  ▼

X  

BUF16821 Datasheet(PDF) 8 Page - EPCOS

Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BUF16821 Datasheet(HTML) 8 Page - EPCOS

Back Button BUF16821 Datasheet HTML 4Page - EPCOS BUF16821 Datasheet HTML 5Page - EPCOS BUF16821 Datasheet HTML 6Page - EPCOS BUF16821 Datasheet HTML 7Page - EPCOS BUF16821 Datasheet HTML 8Page - EPCOS BUF16821 Datasheet HTML 9Page - EPCOS BUF16821 Datasheet HTML 10Page - EPCOS BUF16821 Datasheet HTML 11Page - EPCOS BUF16821 Datasheet HTML 12Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
APPLICATION INFORMATION
GENERAL
ADDRESSING THE BUF16821
TWO-WIRE BUS OVERVIEW
BUF16821
SBOS428 – JULY 2008 ...................................................................................................................................................................................................... www.ti.com
All slaves on the bus shift in the slave address byte
on the rising edge of SCL, with the last bit indicating
The BUF16821 programmable voltage reference
whether a read or write operation is intended. During
allows fast and easy adjustment of 16 programmable
the ninth clock pulse, the slave being addressed
gamma reference outputs and two VCOM outputs,
responds
to
the
master
by
generating
an
each
with
10-bit
resolution.
The
BUF16821
is
Acknowledge and pulling SDA LOW.
programmed through a high-speed, I2C interface. The
final gamma and VCOM values can be stored in the
Data transfer is then initiated and eight bits of data
onboard,
nonvolatile
memory.
To
allow
for
are sent, followed by an Acknowledge bit. During
programming errors or liquid crystal display (LCD)
data transfer, SDA must remain stable while SCL is
panel rework, the BUF16821 supports up to 16 write
HIGH. Any change in SDA while SCL is HIGH is
operations to the onboard memory. The BUF16821
interpreted as a START or STOP condition.
has
two
separate
memory
banks,
allowing
Once all data have been transferred, the master
simultaneous storage of two different gamma curves
generates a STOP condition, indicated by pulling
to facilitate dynamic switching between gamma
SDA from LOW to HIGH while SCL is HIGH. The
curves.
BUF16821 can act only as a slave device; therefore,
The BUF16821 can be powered using an analog
it never drives SCL. SCL is an input only for the
supply voltage from 9V to 20V, and a digital supply
BUF16821.
from 2V to 5.5V. The digital supply must be applied
before the analog supply to avoid excessive current
and power consumption, or possibly even damage to
The address of the BUF16821 is 111010x, where x is
the device if left connected only to the analog supply
the state of the A0 pin. When the A0 pin is LOW, the
for extended periods of time. Figure 10 illustrates a
device acknowledges on address 74h (1110100). If
typical configuration of the BUF16821.
the A0 pin is HIGH, the device acknowledges on
address 75h (1110101). Table 1 shows the A0 pin
settings and BUF16821 address options.
The
BUF16821
communicates
over
an
Other valid addresses are possible through a simple
industry-standard, two-wire interface to receive data
mask change. Contact your TI representative for
in slave mode. This standard uses a two-wire,
information.
open-drain interface that supports multiple devices on
a single bus. Bus lines are driven to a logic low level
Table 1. Quick-Reference of BUF16821 Addresses
only. The device that initiates the communication is
DEVICE/COMPONENT
called a master, and the devices controlled by the
master are slaves. The master generates the serial
BUF16821 Address
ADDRESS
clock on the clock signal line (SCL), controls the bus
A0 pin is LOW
1110100
access, and generates the START and STOP
(device acknowledges on address 74h)
conditions.
A0 pin is HIGH
1110101
(device acknowledges on address 75h)
To address a specific device, the master initiates a
START condition by pulling the data signal line (SDA)
from a HIGH to a LOW logic level while SCL is HIGH.
Table 2. Quick-Reference of Command Codes
COMMAND
CODE
General-Call Reset
Address byte of 00h followed by a data byte of 06h.
High-Speed Mode
00001xxx, with SCL
≤ 400kHz; where xxx are bits unique to the Hs-capable master. This
byte is called the Hs master code.
8
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com