Electronic Components Datasheet Search
  English  ▼

X  

BUF16821 Datasheet(PDF) 20 Page - EPCOS

Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BUF16821 Datasheet(HTML) 20 Page - EPCOS

Back Button BUF16821 Datasheet HTML 16Page - EPCOS BUF16821 Datasheet HTML 17Page - EPCOS BUF16821 Datasheet HTML 18Page - EPCOS BUF16821 Datasheet HTML 19Page - EPCOS BUF16821 Datasheet HTML 20Page - EPCOS BUF16821 Datasheet HTML 21Page - EPCOS BUF16821 Datasheet HTML 22Page - EPCOS BUF16821 Datasheet HTML 23Page - EPCOS BUF16821 Datasheet HTML 24Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
OUTPUT PROTECTION
V
S
OUTX
or
V
X
COM
ESDCurrent
SteeringDiodes
BUF16821
BUF16821
SBOS428 – JULY 2008 ...................................................................................................................................................................................................... www.ti.com
The BUF16821 output stages can safely source and
sink the current levels indicated in Figure 1 and
Figure 2. However, there are other modes where
precautions must be taken to prevent to the output
stages from being damaged by excessive current
flow. The outputs (OUT1 through OUT16, VCOM1 and
VCOM2) include ESD protection diodes, as shown in
Figure 18. Normally, these diodes do not conduct and
are passive during typical device operation. Unusual
operating conditions can occur where the diodes may
conduct, potentially subjecting them to high, even
damaging current levels. These conditions are most
likely to occur when a voltage applied to an output
exceeds (VS) + 0.5V, or drops below GND – 0.5V.
One common scenario where this condition can occur
Figure 18. Output Pins ESD Protection
is when the output pin is connected to a sufficiently
Current-Steering Diodes
large capacitor, and the BUF16821 power-supply
source (VS) is suddenly removed. Removing the
power-supply
source
allows
the
capacitor
to
discharge through the current-steering diodes. The
energy released during the high current flow period
causes the power dissipation limits of the diode to be
exceeded. Protection against the high current flow
may be provided by placing current-limiting resistors
in series with the output, as shown in Figure 10.
Select a resistor value that restricts the current level
to the maximum rating for the particular pin.
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com