Electronic Components Datasheet Search
  English  ▼

X  

BUF16821 Datasheet(PDF) 9 Page - EPCOS

Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BUF16821 Datasheet(HTML) 9 Page - EPCOS

Back Button BUF16821 Datasheet HTML 5Page - EPCOS BUF16821 Datasheet HTML 6Page - EPCOS BUF16821 Datasheet HTML 7Page - EPCOS BUF16821 Datasheet HTML 8Page - EPCOS BUF16821 Datasheet HTML 9Page - EPCOS BUF16821 Datasheet HTML 10Page - EPCOS BUF16821 Datasheet HTML 11Page - EPCOS BUF16821 Datasheet HTML 12Page - EPCOS BUF16821 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
V
2
COM
OUT1
OUT2
OUT3
OUT4
OUT5
OUT6
GND
A
(2)
V
S
OUT7
OUT8
OUT9
V
SD
SCL
V
COM1
OUT16
OUT15
OUT14
GND
A
(2)
V
S
OUT13
OUT12
OUT11
OUT10
GND
D
(2)
BKSEL
A0
SDA
BUF16821
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V
2
COM
V
1
COM
V
S
(1)
(1)
(1)
Timing
Controller
3.3V
100nF
1 F
m
(1)
(1)
(1)
(1)
100nF
10 F
m
Source
Driver
Source
Driver
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
(1)
V
S
100nF
10 F
m
Source
Driver
(1)
Source
Driver
SCL
BUF16821
www.ti.com ...................................................................................................................................................................................................... SBOS428 – JULY 2008
(1)
RC combination optional; see the Output Protection section.
(2)
GNDA and GNDD must be connected together.
Figure 10. Typical Application Configuration
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com