Electronic Components Datasheet Search
  English  ▼

X  

BUF16821 Datasheet(PDF) 12 Page - EPCOS

Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BUF16821 Datasheet(HTML) 12 Page - EPCOS

Back Button BUF16821 Datasheet HTML 8Page - EPCOS BUF16821 Datasheet HTML 9Page - EPCOS BUF16821 Datasheet HTML 10Page - EPCOS BUF16821 Datasheet HTML 11Page - EPCOS BUF16821 Datasheet HTML 12Page - EPCOS BUF16821 Datasheet HTML 13Page - EPCOS BUF16821 Datasheet HTML 14Page - EPCOS BUF16821 Datasheet HTML 15Page - EPCOS BUF16821 Datasheet HTML 16Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
READ/WRITE OPERATIONS
Read/Write: DAC/VCOM Register (volatile memory)
Writing: DAC/VCOM Register (Volatile Memory)
Parity Error Correction
DIE_ID AND DIE_REV REGISTERS
BUF16821
SBOS428 – JULY 2008 ...................................................................................................................................................................................................... www.ti.com
Table 3 shows the relationship between the number
of
times
the
nonvolatile
memory
has
been
Read and write operations can be done for a single
programmed and the corresponding state of the
DAC/VCOM or for multiple DACs/VCOMs. Writing to a
MaxBank Register.
DAC/VCOM register differs from writing to the
nonvolatile memory. Bits D15–D14 of the most
Table 3. MaxBank Details
significant byte of data determines if data are written
NUMBER OF TIMES WRITTEN TO
RETURNS CODE
to the DAC/VCOM register or the nonvolatile memory.
0
0000
1
0000
2
0001
The BUF16821 is able to read from a single
3
0010
DAC/VCOM, or multiple DACs/VCOMs, or write to the
4
0011
register
of
a
single
DAC/VCOM,
or
multiple
5
0100
DACs/VCOMs in a single communication transaction.
6
0101
DAC pointer addresses begin with 000000 (which
corresponds
to
OUT1)
through
001111
(which
7
0110
corresponds to OUT16). Addresses 010010 and
8
0111
010011 are VCOM1 and VCOM2, respectively.
9
1000
10
1001
Write commands are performed by setting the
11
1010
read/write bit LOW. Setting the read/write bit HIGH
performs a read transaction.
12
1011
13
1100
14
1101
15
1110
To write to a single DAC/VCOM register:
16
1111
1. Send a START condition on the bus.
2. Send the device address and read/write bit =
LOW. The BUF16821 acknowledges this byte.
3. Send a DAC/VCOM pointer address byte. Set bit
The
BUF16821
provides
single-bit
parity
error
D7 = 0 and D6 = 0. Bits D5–D0 are the
correction for data stored in the nonvolatile memory
DAC/VCOM address. Although the BUF16821
to provide increased reliability of the nonvolatile
acknowledges 000000 through 010111, it stores
memory. If a single bit of nonvolatile memory for a
and returns data only from these addresses:
channel fails, the BUF16821 corrects for it and
updates the appropriate DAC with the intended value
–
000000 through 001111
when its memory is acquired.
–
010010 through 010011
It returns 0000 for reads from 010000 through
If more than one bit of nonvolatile memory for a
010001,
and
010100
through
010111.
See
channel fails, the BUF16821 does not correct for it,
Table 4 for valid DAC/VCOM addresses.
and updates the appropriate DAC/VCOM with the
default value of 1000000000.
4. Send two bytes of data for the specified register.
Begin by sending the most significant byte first
(bits D15–D8, of which only bits D9 and D8 are
used, and bits D15–D14 must not be 01),
The user can verify the presence of the BUF16821 in
followed
by
the
least
significant
byte
(bits
the system by reading from address 111101. The
D7–D0). The register is updated after receiving
BUF16821 returns 0101100100100111 when read at
the second byte.
this address.
5. Send a STOP or START condition on the bus.
The user can also determine the die revision of the
BUF16821
by
reading
from
register
111100.
BUF16821 returns 0000000000000000 when a RevA
die is present. RevB would be designated by
0000000000000001 and so on.
12
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com