Electronic Components Datasheet Search
  English  ▼

X  

BUF16821 Datasheet(PDF) 14 Page - EPCOS

Part # BUF16821
Description  Programmable Gamma-Voltage Generator and VCOM Calibrator with Integrated Two-Bank Memory
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

BUF16821 Datasheet(HTML) 14 Page - EPCOS

Back Button BUF16821 Datasheet HTML 10Page - EPCOS BUF16821 Datasheet HTML 11Page - EPCOS BUF16821 Datasheet HTML 12Page - EPCOS BUF16821 Datasheet HTML 13Page - EPCOS BUF16821 Datasheet HTML 14Page - EPCOS BUF16821 Datasheet HTML 15Page - EPCOS BUF16821 Datasheet HTML 16Page - EPCOS BUF16821 Datasheet HTML 17Page - EPCOS BUF16821 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Write: Nonvolatile Memory for the DAC Register
Read: Nonvolatile Memory for the DAC Register
BUF16821
SBOS428 – JULY 2008 ...................................................................................................................................................................................................... www.ti.com
Communication may be terminated by sending a
To write to a single nonvolatile register:
premature STOP or START condition on the bus, or
1. Send a START condition on the bus.
by not acknowledging.
2. Send the device address and read/write bit =
To read multiple registers:
LOW. The BUF16821 acknowledges this byte.
Although the BUF16821 acknowledges 000000
1. Send a START condition on the bus.
through 010111, it stores and returns data only
2. Send the device address and read/write bit =
from these addresses:
LOW. The BUF16821 acknowledges this byte.
–
000000 through 001111
3. Send either the OUT1 pointer address byte to
–
010010 and 010011
start at the first DAC, or send the pointer address
It returns 0000 for reads from 010000 through
byte for whichever register is the first in the
010001,
and
010100
through
010111.
See
sequence of DACs/VCOMs to be read. The
Table 4 for DAC/VCOM addresses.
BUF16821 begins with this DAC/VCOM and steps
3. Send a DAC/VCOM pointer address byte. Set bit
through subsequent DACs/VCOMs in sequential
D7 = 0 and D6 = 0. Bits D5–D0 are the
order.
DAC/VCOM address.
4. Send a START or STOP/START condition on the
4. Send two bytes of data for the nonvolatile register
bus.
of the specified DAC/VCOM. Begin by sending the
5. Send the correct device address and read/write
most significant byte first (bits D15–D8, of which
bit = HIGH. The BUF16821 acknowledges this
only bits D9 and D8 are data bits, and bits
byte.
D15–D14 must be 01), followed by the least
6. Receive two bytes of data. They are for the
significant byte (bits D7–D0). The register is
specified DAC/VCOM. The first received byte is the
updated after receiving the second byte.
most significant byte (bits D15–D8; only bits D9
5. Send a STOP condition on the bus.
and
D8
have
meaning),
next
is
the
least
significant byte (bits D7–D0).
The BUF16821 acknowledges each data byte. If the
master terminates communication early by sending a
7. Acknowledge after receiving each byte of data.
STOP or START condition on the bus, the specified
8. When all desired DACs have been read, send a
nonvolatile
register
is
not
updated.
Writing
a
STOP or START condition on the bus.
nonvolatile register also updates the DAC/VCOM
Communication may be terminated by sending a
register and output voltage.
premature STOP or START condition on the bus, or
The DAC/VCOM register and DAC/VCOM output voltage
by not sending the acknowledge bit. The reading of
are updated immediately, while the programming of
registers
DieID,
DieRev,
and
MaxBank
is
not
the nonvolatile memory takes up to 250
µs. Once a
supported in this mode of operation (these values
nonvolatile register write command has been issued,
must be read using the single register read method).
no communication with the BUF16821 should take
place for at least 250
µs. Writing or reading over the
serial interface while the nonvolatile memory is being
The BUF16821 is able to write to the nonvolatile
written jeopardizes the integrity of the data being
memory
of
a
single
DAC/VCOM
in
a
single
stored.
communication
transaction.
In
contrast
to
the
BUF20820, writing to multiple nonvolatile memory
words in a single transaction is not supported. Valid
To read the data present in nonvolatile register for a
DAC/VCOM pointer addresses begin with 000000
particular DAC/VCOM channel, the master must first
(which corresponds to OUT1) through 001111 (which
issue a general acquire command, or a single acquire
corresponds to OUT16). Addresses 010010 and
command with the appropriate DAC/VCOM channel
010011 are VCOM1 and VCOM2, respectively.
chosen. This action updates both the DAC/VCOM
When programming the nonvolatile memory, the
register(s) and DAC/VCOM output voltage(s). The
analog supply voltage must be between 9V and 20V.
master
may
then
read
from
the
appropriate
Write commands are performed by setting the
DAC/VCOM register as described earlier.
read/write bit LOW.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): BUF16821



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com