Electronic Components Datasheet Search
  English  ▼

X  

32C82 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 32C82
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C82 Datasheet(HTML) 4 Page - Renesas Technology Corp

  32C82 Datasheet HTML 1Page - Renesas Technology Corp 32C82 Datasheet HTML 2Page - Renesas Technology Corp 32C82 Datasheet HTML 3Page - Renesas Technology Corp 32C82 Datasheet HTML 4Page - Renesas Technology Corp 32C82 Datasheet HTML 5Page - Renesas Technology Corp 32C82 Datasheet HTML 6Page - Renesas Technology Corp 32C82 Datasheet HTML 7Page - Renesas Technology Corp 32C82 Datasheet HTML 8Page - Renesas Technology Corp 32C82 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 82 page
background image
0
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
2
.
1
.
v
e
R
page 4
p
u
o
r
G
2
8
/
C
2
3
M
1. Overview
Table 1.2 M32C/82 Group Performance (100-Pin Package)
Item
Performance
CPU
Basic instructions
108 instructions
Shortest instruction execution time
33 ns (f(BCLK)=30 MHz, VCC=4.2 V to 5.5 V)
50 ns (f(BCLK)=20 MHz, VCC=3.0 V to 5.5 V)
Operation mode
Single-chip mode, Memory expansion mode and Microprocessor mode
Address space
16 Mbytes
Memory capacity
See Table 1.3
Peripheral Port
87 I/O pins and 1 input pin
function Multifunction timer
Timer A: 16 bits x 5 channels, Timer B: 16 bits x 6 channels
Three-phase motor control circuit
Intelligent I/O
Time measurement function: 16 bits x 5 channels
Waveform generating function: 16 bits x 8 channels
Communication function (Clock synchronous serial I/O, Clock
asynchronous serial I/O, HDLC data processing, Clock synchro-
nous variable length serial I/O, IEBus(1))
Serial I/O
5 channels
Clock synchronous serial I/O, Clock asynchronous serial I/O,
IEBus(1), I2C bus(2)
A/D converter
10-bit A/D converter: 1 circuit, 26 channels
D/A converter
8 bits x 2 channels
DMAC
4 channels
DMAC II
Can be activated by all peripheral function interrupt factors
Immediate transfer, Calculation transfer and Chain transfer functions
DRAMC
_______
_______
CAS-before-RAS refresh, self-refresh, EDO, FP
CRC calculation circuit
CRC-CCITT
X Y converter
16 bits x 16 bits
Watchdog timer
15 bits x 1 channel (with prescaler)
Interrupt
41 internal and 8 external sources, 5 software sources
Interrupt priority level: 7
Clock generating circuit
4 circuits
Main clock oscillation circuit(*), Sub clock oscillation circuit(*),
On-chip oscillator, PLL frequency synthesizer
(*)Equipped with a built-in feedback resistor. Ceramic resonator
or crystal oscillator must be connected externally
Oscillation stop detect function
Main clock oscillation stop detect function
Electric
Supply voltage
4.2 V to 5.5 V (f(BCLK)=30 MHz)
charact-
3.0 V to 5.5 V (f(BCLK)=20 MHz, through VDC)
eristics
3.0 V to 3.6 V (f(BCLK)=20 MHz, not through VDC)
Power consumption
28 mA (VCC=5 V, f(BCLK)=30 MHz)
17 mA (VCC=3.3 V, f(BCLK)=20 MHz)
470
µA (VCC=5 V, f(XCIN)=32 kHz, in wait mode)
340
µA (VCC=3.3 V, f(XCIN)=32 kHz, through VDC in wait mode)
5.0
µA (VCC=3.3 V, f(XCIN)=32 kHz, not through VDC in wait mode)
0.4
µA (VCC=5 V, f(XCIN)=32 kHz, in stop mode)
0.4
µA (VCC=3.3 V, f(XCIN)=32 kHz, in stop mode)
Operating ambient temperature
–20 to 85oC, –40 to 85oC (optional)
Package
100-pin plastic molded LQFP/QFP
NOTES:
1. IEBus is a trademark of NEC Electronics Corporation.
2. I2C bus is a trademark of Koninklijke Philips Electronics N. V.
All options are on a request basis.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com