Electronic Components Datasheet Search
  English  ▼

X  

32C82 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 32C82
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C82 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 32C82 Datasheet HTML 14Page - Renesas Technology Corp 32C82 Datasheet HTML 15Page - Renesas Technology Corp 32C82 Datasheet HTML 16Page - Renesas Technology Corp 32C82 Datasheet HTML 17Page - Renesas Technology Corp 32C82 Datasheet HTML 18Page - Renesas Technology Corp 32C82 Datasheet HTML 19Page - Renesas Technology Corp 32C82 Datasheet HTML 20Page - Renesas Technology Corp 32C82 Datasheet HTML 21Page - Renesas Technology Corp 32C82 Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 82 page
background image
0
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
2
.
1
.
v
e
R
page 18
p
u
o
r
G
2
8
/
C
2
3
M
1. Overview
P70 to P77
TA0OUT to TA3OUT
TA0IN to TA3IN
TB5IN
___
V, V
___
W, W
_________
CTS2
_________
RTS2
______
SS2
CLK2
RxD2
SCL2
STxD2
TxD2
SDA2
SRxD2
INPC00, INPC01
INPC11, INPC12
OUTC00, OUTC01
OUTC10 to OUTC12
OUTC20, OUTC22
ISCLK0, ISCLK1
ISTxD0 to ISTxD2
ISRxD1, ISRxD2
IEOUT
IEIN
BE0OUT
BE1OUT
BE1IN
I/O port P7
Timer A pin
Timer B pin
Three-phase motor
control output pin
UART pin
Intelligent I/O pin
8-bit I/O ports having equivalent functions to P0
(P70 and P71 are ports for the N-channel open drain output.)
I/O pins for timer A0 to A3
Input pin for timer B5
V-phase output pin
W-phase output pin
I/O pins for UART2
INPC00, INPC01, INPC11 and INPC12 are input pins for the time measure-
ment function.
OUTC00, OUTC01, OUTC10 to OUTC12, OUTC20 and OUTC22 are output
pins for the waveform generating function.
ISCLK0 and ISCLK1 input and output the clock for the intelligent I/O communi-
cation function.
ISRxD1, ISRxD2, IEIN and BE1IN input received data for the intelligent I/O
communication function.
ISTxD0 to ISTxD2, IEOUT, BE0OUT and BE1OUT output transmit data for the
intelligent I/O communication function.
I/O
I/O
I
I
O
O
I
O
I
I/O
I
I/O
O
O
I/O
I
I
O
I/O
O
I
O
I
O
O
I
I : Input
O : Output
I/O : Input and output
Symbol
Function
I/O type
Description
Table 1.6 Pin Description (100-Pin and 144-Pin Packages) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com