Electronic Components Datasheet Search
  English  ▼

X  

32C82 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # 32C82
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C82 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button 32C82 Datasheet HTML 73Page - Renesas Technology Corp 32C82 Datasheet HTML 74Page - Renesas Technology Corp 32C82 Datasheet HTML 75Page - Renesas Technology Corp 32C82 Datasheet HTML 76Page - Renesas Technology Corp 32C82 Datasheet HTML 77Page - Renesas Technology Corp 32C82 Datasheet HTML 78Page - Renesas Technology Corp 32C82 Datasheet HTML 79Page - Renesas Technology Corp 32C82 Datasheet HTML 80Page - Renesas Technology Corp 32C82 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 82 page
background image
0
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
2
.
1
.
v
e
R
page 77
p
u
o
r
G
2
8
/
C
2
3
M
5. Electrical Characteristics (VCC = 3.3V)
tsu(D–C)
TAiIN input
TAiOUT input
In event counter mode
TBiIN input
CLKi
TxDi
RxDi
tc(TA)
tw(TAH)
tw(TAL)
tc(UP)
tw(UPH)
tw(UPL)
tc(TB)
tw(TBH)
tw(TBL)
tc(AD)
tw(ADL)
tc(CK)
tw(CKH)
tw(CKL)
tw(INL)
tw(INH)
td(C–Q)
th(C–D)
th(C–Q)
th(TIN–UP)
tsu(UP–TIN)
TAiIN input
(When counting on falling
edge is selected)
TAiIN input
(When counting on rising
edge is selected)
TAiOUT input
(Counter increment/
decrement input)
INTi input
ADTRG input
Vcc=3.3V
Figure 5.16 VCC=3.3V Timing Diagram (7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com