Electronic Components Datasheet Search
  English  ▼

X  

32C82 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # 32C82
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C82 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button 32C82 Datasheet HTML 15Page - Renesas Technology Corp 32C82 Datasheet HTML 16Page - Renesas Technology Corp 32C82 Datasheet HTML 17Page - Renesas Technology Corp 32C82 Datasheet HTML 18Page - Renesas Technology Corp 32C82 Datasheet HTML 19Page - Renesas Technology Corp 32C82 Datasheet HTML 20Page - Renesas Technology Corp 32C82 Datasheet HTML 21Page - Renesas Technology Corp 32C82 Datasheet HTML 22Page - Renesas Technology Corp 32C82 Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 82 page
background image
0
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
2
.
1
.
v
e
R
page 19
p
u
o
r
G
2
8
/
C
2
3
M
1. Overview
P80 to P84,
P86, P87
XCIN
XCOUT
VCONT
TA4OUT
TA4IN
___
U, U
________
________
INT0 to INT2
INPC02
ISRxD0
BE0IN
_______
P85/NMI
P90 to P97
TB0IN to TB4IN
_________
__________
CTS3, CTS4
_________
_________
RTS3, RTS4
_______
_______
SS3, SS4
CLK3, CLK4
RxD3, RxD4
SCL3, SCL4
STxD3, STxD4
TxD3, TxD4
SDA3, SDA4
SRxD3, SRxD4
DA0, DA1
ANEX0,
ANEX1,
___________
ADTRG
OUTC20
ISTxD2
IEOUT
IEIN
ISRxD2
P100 to P107
_____
_____
KI0 to KI3
AN0 to AN7
I/O port P8
Sub clock
Low-pass filter connect
pin for PLL frequency
synthesizer pin
Timer A pin
Three-phase motor
control output pin
______
INT interrupt input
pin
Intelligent I/O pin
_______
NMI interrupt input
pin
I/O port P9
Timer B pin
UART pin
D/A output pin
A/D related pin
Intelligent I/O pin
I/O port P10
Key input interrupt
pin
Analog input pin
I/O
I
O
I/O
I
O
I
I
I
I
I
I/O
I
I
O
I
I/O
I
I/O
O
O
I/O
I
O
I/O
I
I
O
O
O
I
I
I/O
I
I
I/O ports having equivalent functions to P0
I/O pins for the sub clock oscillation circuit. Connect a crystal oscillator
between XCIN and XCOUT.
Connects the low-pass filter to the VCONT pin when using the PLL frequency
synthesizer. Connect P86 to VSS to stabilize the PLL frequency.
I/O pins for timer A4
U-phase output pins
______
Input pins for the INT interrupt
INPC02 is an input pin for the time measurement function.
ISRxD0 and BE0IN input received data for the intelligent I/O communication function.
_______
Input pin for the NMI interrupt.
Pin states can be read by the P8_5 bit in the P8 register.
8-bit I/O ports having equivalent functions P0.
The PRCR register prevents PD9 and PS3 registers from rewriting.
Input pins for timers B0 to B4
I/O pins for UART3 (P90 to P93) and UART4 (P94 to P97)
Output pins for the D/A converter
ANEX0 is an extended analog I/O pin for the A/D converter.
ANEX1 is an extended analog input pin for the A/D converter.
__________
ADTRG is an A/D trigger input pin.
OUTC20 is an output pin for the waveform generating function.
ISTxD2 and IEOUT output transmit data for the intelligent I/O communication
function.
ISRxD2 and IEIN input received data for the intelligent I/O communication
function.
8-bit I/O ports having equivalent functions to P0
Input pins for the key input interrupt
Analog input pins for the A/D converter
I : Input
O : Output
I/O : Input and output
Symbol
Function
I/O type
Description
Table 1.6 Pin Description (100-Pin and 144-Pin Packages) (Continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com