Electronic Components Datasheet Search
  English  ▼

X  

32C82 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # 32C82
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C82 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button 32C82 Datasheet HTML 71Page - Renesas Technology Corp 32C82 Datasheet HTML 72Page - Renesas Technology Corp 32C82 Datasheet HTML 73Page - Renesas Technology Corp 32C82 Datasheet HTML 74Page - Renesas Technology Corp 32C82 Datasheet HTML 75Page - Renesas Technology Corp 32C82 Datasheet HTML 76Page - Renesas Technology Corp 32C82 Datasheet HTML 77Page - Renesas Technology Corp 32C82 Datasheet HTML 78Page - Renesas Technology Corp 32C82 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 82 page
background image
0
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
2
.
1
.
v
e
R
page 75
p
u
o
r
G
2
8
/
C
2
3
M
5. Electrical Characteristics (VCC = 3.3V)
BCLK
DW
DB
MAi
Vcc=3.3V
RAS
CASL
CASH
Hi-Z
th(BCLK-DB)
-7ns.min
18ns.max
th(BCLK-CAD)
0ns.min
tcyc
td(BCLK-RAD)
th(BCLK-RAD)
0ns.min
18ns.max
td(BCLK-CAD)
18ns.max
td(BCLK-RAS)
18ns.max
td(BCLK-CAS)
tRP(1)
18ns.max
td(BCLK-DW)
tsu(DB-CAS)(1)
th(BCLK-RAS)
0ns.min
th(BCLK-CAS)
-3ns.min
th(BCLK-DW)
0ns.min
Row address
Column address
NOTES:
1. It varies with the operation frequency.
th(RAS-RAD)=(tcyc/2-13)ns.min
tRP=(tcyc/2 x 3-20)ns.min
tsu(DB-CAS)=(tcyc-20)ns.min
Measurement conditions
• VCC=3.0 to 3.6V
• Input high and low voltage:
VIH=1.5V, VIL=0.5V
• Output high and low voltage:
VOH=1.5V, VOL=1.5V
Write timing
Memory expansion mode and microprocessor mode
(With 2 wait states, when accessing the DRAM area)
th(RAS-RAD)(1)
Figure 5.14 VCC=3.3V Timing Diagram (5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com