Electronic Components Datasheet Search
  English  ▼

X  

32C82 Datasheet(PDF) 56 Page - Renesas Technology Corp

Part # 32C82
Description  SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

32C82 Datasheet(HTML) 56 Page - Renesas Technology Corp

Back Button 32C82 Datasheet HTML 52Page - Renesas Technology Corp 32C82 Datasheet HTML 53Page - Renesas Technology Corp 32C82 Datasheet HTML 54Page - Renesas Technology Corp 32C82 Datasheet HTML 55Page - Renesas Technology Corp 32C82 Datasheet HTML 56Page - Renesas Technology Corp 32C82 Datasheet HTML 57Page - Renesas Technology Corp 32C82 Datasheet HTML 58Page - Renesas Technology Corp 32C82 Datasheet HTML 59Page - Renesas Technology Corp 32C82 Datasheet HTML 60Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 82 page
background image
M32C/82 Group
5. Electrical Characteristics (VCC = 5V)
0
8
f
o
4
0
0
2
,
1
0
.
n
u
J
0
2
.
1
.
v
e
R
page 56
BCLK
CSi
18ns.max
ADi
18ns.max
RD
18ns.max
-5ns.min
th(BCLK-AD)
-3ns.min
-3ns.min
BHE
ADi
/DBi
0ns.min
18ns.max
-3ns.min
BCLK
CSi
18ns.max
ADi
18ns.max
-3ns.min
-3ns.min
tcyc
BHE
ADi
/DBi
Data output
WR,WRL,
WRH
Address
Address
Data input
26ns.min
td(BCLK-RD)
th(WR-CS)(1)
Address
td(AD-ALE)(1)
Address
tsu(DB-BCLK)
tac3(RD-DB)(1)
tdz(RD-AD)
8ns.max
ALE
-2ns.min
td(BCLK-ALE)
18ns.max
td(AD-ALE)=(tcyc/2-20)ns.min
th(ALE-AD)=(tcyc/2-10)ns.min, th(RD-AD)=(tcyc/2-10)ns.min, th(RD-CS)=(tcyc/2-10)ns.min
tac3(RD-DB)=(tcyc/2 x m-35)ns.max (m=3 with 2 wait states and m=5 with 3 wait states)
tac3(AD-DB)=(tcyc/2 x n-35)ns.max (n=5 with 2 wait states and n=7 with 3 wait states)
ALE
18ns.max
-2ns.min
td(BCLK-ALE)
th(ALE-AD)(1)
td(AD-ALE)=(tcyc/2-20)ns.min
th(ALE-AD)=(tcyc/2-10)ns.min, th(WR-AD)=(tcyc/2-10)ns.min
th(WR-CS)=(tcyc/2-10)ns.min, th(WR-DB)=(tcyc/2-10)ns.min
td(DB-WR)=(tcyc/2 x m-25)ns.min
Vcc=5V
td(BCLK-CS)
td(AD-ALE)(1)
th(ALE-AD)(1)
th(BCLK-RD)
th(RD-AD)(1)
th(RD-DB)
td(BCLK-AD)
th(BCLK-CS)
th(RD-CS)(1)
td(BCLK-WR)
th(BCLK-WR)
td(BCLK-CS)
td(BCLK-AD)
th(BCLK-AD)
th(BCLK-CS)
th(WR-AD)(1)
td(DB-WR)(1)
th(WR-DB)(1)
th(BCLK-ALE)
th(BCLK-ALE)
tcyc
NOTES:
1. It varies with the operation frequency.
Measurement conditions
• VCC=4.2 to 5.5V
• Input high and low voltage:
VIH=2.5V, VIL=0.8V
• Output high and low voltage:
VOH=2.0V, VOL=0.8V
NOTES:
1. It varies with the operation frequency.
Read timing
Write timing (written in 2 cycles with no wait state)
Memory expansion mode and microprocessor mode
(with a wait state, when accessing an external memory and using the multiplexed bus)
tac3(AD-DB)(1)
Figure 5.4 VCC=5V Timing Diagram (3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com