Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 35Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 36Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 37Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 38Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 39Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 40Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 41Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 42Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 101 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
4. Special Function Register (SFR)
Rev.2.41
Jan 10, 2006
Page 39 of 96
REJ03B0001-0241
NOTES:
1.
The blank areas are reserved and cannot be accessed by users.
2.
At hardware reset 1 or hardware reset 2, the register is as follows:
• “00000000b” where “L” is inputted to the CNVSS pin
• “00000010b” where “H” is inputted to the CNVSS pin
At software reset, watchdog timer reset and oscillation stop detection reset, the register is as follows:
• “00000000b” where the PM01 to PM00 bits in the PM0 register are “00b” (single-chip mode).
• “00000010b” where the PM01 to PM00 bits in the PM0 register are “01b” (memory expansion mode) or “11b” (microprocessor mode).
3.
These registers do not exist in M16C/62P (80-pin version), and M16C/62PT (80-pin version).
X : Nothing is mapped to this bit
Table 4.6
SFR Information (6) (1)
Address
Register
Symbol
After Reset
03C0h
A/D Register 0
AD0
XXh
03C1h
XXh
03C2h
A/D Register 1
AD1
XXh
03C3h
XXh
03C4h
A/D Register 2
AD2
XXh
03C5h
XXh
03C6h
A/D Register 3
AD3
XXh
03C7h
XXh
03C8h
A/D Register 4
AD4
XXh
03C9h
XXh
03CAh
A/D Register 5
AD5
XXh
03CBh
XXh
03CCh
A/D Register 6
AD6
XXh
03CDh
XXh
03CEh
A/D Register 7
AD7
XXh
03CFh
XXh
03D0h
03D1h
03D2h
03D3h
03D4h
A/D Control Register 2
ADCON2
00h
03D5h
03D6h
A/D Control Register 0
ADCON0
00000XXXb
03D7h
A/D Control Register 1
ADCON1
00h
03D8h
D/A Register 0
DA0
00h
03D9h
03DAh
D/A Register 1
DA1
00h
03DBh
03DCh
D/A Control Register
DACON
00h
03DDh
03DEh
Port P14 Control Register (3)
PC14
XX00XXXXb
03DFh
Pull-Up Control Register 3 (3)
PUR3
00h
03E0h
Port P0 Register
P0
XXh
03E1h
Port P1 Register
P1
XXh
03E2h
Port P0 Direction Register
PD0
00h
03E3h
Port P1 Direction Register
PD1
00h
03E4h
Port P2 Register
P2
XXh
03E5h
Port P3 Register
P3
XXh
03E6h
Port P2 Direction Register
PD2
00h
03E7h
Port P3 Direction Register
PD3
00h
03E8h
Port P4 Register
P4
XXh
03E9h
Port P5 Register
P5
XXh
03EAh
Port P4 Direction Register
PD4
00h
03EBh
Port P5 Direction Register
PD5
00h
03ECh
Port P6 Register
P6
XXh
03EDh
Port P7 Register
P7
XXh
03EEh
Port P6 Direction Register
PD6
00h
03EFh
Port P7 Direction Register
PD7
00h
03F0h
Port P8 Register
P8
XXh
03F1h
Port P9 Register
P9
XXh
03F2h
Port P8 Direction Register
PD8
00X00000b
03F3h
Port P9 Direction Register
PD9
00h
03F4h
Port P10 Register
P10
XXh
03F5h
Port P11 Register (3)
P11
XXh
03F6h
Port P10 Direction Register
PD10
00h
03F7h
Port P11 Direction Register (3)
PD11
00h
03F8h
Port P12 Register (3)
P12
XXh
03F9h
Port P13 Register (3)
P13
XXh
03FAh
Port P12 Direction Register (3)
PD12
00h
03FBh
Port P13 Direction Register (3)
PD13
00h
03FCh
Pull-Up Control Register 0
PUR0
00h
03FDh
Pull-Up Control Register 1
PUR1
00000000b (2)
00000010b (2)
03FEh
Pull-Up Control Register 2
PUR2
00h
03FFh
Port Control Register
PCR
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com