Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 84Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 85Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 86Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 87Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 88Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 89Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 90Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 91Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 101 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 88 of 96
REJ03B0001-0241
NOTES:
1.
Referenced to VCC1=VCC2=4.0 to 5.5V, VSS = 0V at Topr =
−40 to 85°C / −40 to 125°C, f(BCLK)=24MHz unless otherwise
specified. T version =
−40 to 85°C, V version =−40 to 125°C.
2.
With one timer operated using fC32.
3.
This indicates the memory in which the program to be executed exists.
Table 5.58
Electrical Characteristics (2) (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
ICC
Power Supply Current
(VCC1=VCC2=4.0V to 5.5V)
In single-chip
mode, the output
pins are open and
other pins are VSS
Mask ROM
f(BCLK)=24MHz
No division, PLL operation
14
20
mA
No division,
On-chip oscillation
1mA
Flash
Memory
f(BCLK)=24MHz,
No division, PLL operation
18
27
mA
No division,
On-chip oscillation
1.8
mA
Flash Memory
Program
f(BCLK)=10MHz,
VCC1=5.0V
15
mA
Flash Memory
Erase
f(BCLK)=10MHz,
VCC1=5.0V
25
mA
Mask ROM
f(XCIN)=32kHz
Low power dissipation
mode, ROM (3)
25
µA
Flash Memory
f(BCLK)=32kHz
Low power dissipation
mode, RAM (3)
25
µA
f(BCLK)=32kHz
Low power dissipation
mode, Flash Memory (3)
420
µA
On-chip oscillation,
Wait mode
50
µA
Mask ROM
Flash Memory
f(BCLK)=32kHz
Wait mode (2),
Oscillation capability High
7.5
µA
f(BCLK)=32kHz
Wait mode (2),
Oscillation capability Low
2.0
µA
Stop mode
Topr =25
°C
2.0
6.0
µA
Stop mode
Topr =85
°C
20
µA
Stop mode
Topr =125
°C
TBD
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com