Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 43 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 43 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 39Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 40Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 41Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 42Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 43Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 44Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 45Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 46Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 47Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 101 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 43 of 96
REJ03B0001-0241
NOTES:
1.
Referenced to VCC1=AVCC=VREF=3.3 to 5.5V, VSS=AVSS=0V at Topr =
−20 to 85°C / −40 to 85°C unless otherwise specified.
2.
If VCC1 > VCC2, do not use AN0_0 to AN0_7 and AN2_0 to AN2_7 as analog input pins.
3.
φAD frequency must be 12 MHz or less. And divide the fAD if VCC1 is less than 4.0V, and φAD frequency into 10 MHz or less.
4.
When sample & hold is disabled,
φAD frequency must be 250 kHz or more, in addition to the limitation in Note 3.
When sample & hold is enabled,
φAD frequency must be 1MHz or more, in addition to the limitation in Note 3.
Table 5.4
A/D Conversion Characteristics (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
−
Resolution
VREF=VCC1
10
Bits
INL
Integral Non-Linearity
Error
10bit
VREF=
VCC1=
5V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
±3
LSB
External operation amp
connection mode
±7
LSB
VREF=
VCC1=
3.3V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
±5
LSB
External operation amp
connection mode
±7
LSB
8bit
VREF=VCC1=5V, 3.3V
±2
LSB
−
Absolute Accuracy
10bit
VREF=
VCC1=
5V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
±3
LSB
External operation amp
connection mode
±7
LSB
VREF=
VCC1
=3.3V
AN0 to AN7 input,
AN0_0 to AN0_7 input,
AN2_0 to AN2_7 input,
ANEX0, ANEX1 input
±5
LSB
External operation amp
connection mode
±7
LSB
8bit
VREF=VCC1=5V, 3.3V
±2
LSB
−
Tolerance Level Impedance
3
k
Ω
DNL
Differential Non-Linearity Error
±1
LSB
−
Offset Error
±3
LSB
−
Gain Error
±3
LSB
RLADDER
Ladder Resistance
VREF=VCC1
10
40
k
Ω
tCONV
10-bit Conversion Time, Sample & Hold
Available
VREF=VCC1=5V,
φAD=12MHz
2.75
µs
tCONV
8-bit Conversion Time, Sample & Hold
Available
VREF=VCC1=5V,
φAD=12MHz
2.33
µs
tSAMP
Sampling Time
0.25
µs
VREF
Reference Voltage
2.0
VCC1
V
VIA
Analog Input Voltage
0
VREF
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com