Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 44Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 45Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 46Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 47Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 48Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 49Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 50Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 51Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 101 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 48 of 96
REJ03B0001-0241
VCC1=VCC2=5V
NOTES:
1.
Referenced to VCC1=VCC2=4.2 to 5.5V, VSS = 0V at Topr =
−20 to 85°C / −40 to 85°C, f(BCLK)=24MHz unless otherwise
specified.
2.
Where the product is used at VCC1 = 5 V and VCC2 = 3 V, refer to the 3 V version value for the pin specified value on VCC2 port
side.
3.
There is no external connections for port P1_0 to P1_7, P4_4 to P4_7, P7_2 to P7_5 and P9_1 in 80-pin version.
Table 5.11
Electrical Characteristics (1) (1)
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
VOH
HIGH
Output
Voltage (3)
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P14_0, P14_1
IOH=
−5mA
VCC1
−2.0
VCC1
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P12_0 to P12_7, P13_0 to P13_7
IOH=
−5mA (2)
VCC2
−2.0
VCC2
VOH
HIGH
Output
Voltage (3)
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P14_0, P14_1
OH
=
−200µA
VCC1
−0.3
VCC1
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P12_0 to P12_7, P13_0 to P13_7
IOH=
−200µA (2)
VCC2
−0.3
VCC2
VOH
HIGH Output Voltage
XOUT
HIGHPOWER
IOH=
−1mA
VCC1
−2.0
VCC1
V
LOWPOWER
IOH=
−0.5mA
VCC1
−2.0
VCC1
HIGH Output Voltage
XCOUT
HIGHPOWER
With no load applied
2.5
V
LOWPOWER
With no load applied
1.6
VOL
LOW
Output
Voltage (3)
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P14_0, P14_1
IOL=5mA
2.0
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P12_0 to P12_7, P13_0 to P13_7
IOL=5mA (2)
2.0
VOL
LOW
Output
Voltage (3)
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P14_0, P14_1
IOL=200
µA
0.45
V
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P12_0 to P12_7, P13_0 to P13_7
IOL=200
µA (2)
0.45
VOL
LOW Output Voltage
XOUT
HIGHPOWER
IOL=1mA
2.0
V
LOWPOWER
IOL=0.5mA
2.0
LOW Output Voltage
XCOUT
HIGHPOWER
With no load applied
0
V
LOWPOWER
With no load applied
0
VT+-VT-
Hysteresis
HOLD, RDY, TA0IN to TA4IN, TB0IN to TB5IN,
INT0 to INT5, NMI, ADTRG, CTS0 to CTS2, CLK0 to CLK4,
TA0OUT to TA4OUT, KI0 to KI3, RXD0 to RXD2,
SCL0 to SCL2, SDA0 to SDA2, SIN3, SIN4
0.2
1.0
V
VT+-VT-
Hysteresis
RESET
0.2
2.5
V
IIH
HIGH Input
Current (3)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7, P12_0 to P12_7, P13_0 to P13_7,
P14_0, P14_1, XIN, RESET, CNVSS, BYTE
VI=5V
5.0
µA
IIL
LOW Input
Current (3)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7,P12_0 to P12_7, P13_0 to P13_7,
P14_0, P14_1, XIN, RESET, CNVSS, BYTE
VI=0V
−5.0
µA
RPULLUP
Pull-Up
Resistance
(3)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7, P3_0 to P3_7,
P4_0 to P4_7, P5_0 to P5_7, P6_0 to P6_7, P7_2 to P7_7,
P8_0 to P8_4, P8_6, P8_7, P9_0 to P9_7, P10_0 to P10_7,
P11_0 to P11_7,P12_0 to P12_7, P13_0 to P13_7,
P14_0, P14_1
VI=0V
30
50
170
k
Ω
RfXIN
Feedback Resistance XIN
1.5
M
Ω
RfXCIN
Feedback Resistance XCIN
15
M
Ω
VRAM
RAM Retention Voltage
At stop mode
2.0
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com