Electronic Components Datasheet Search
  English  ▼

X  

M3062LFGPFP Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # M3062LFGPFP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M3062LFGPFP Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button M3062LFGPFP Datasheet HTML 42Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 43Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 44Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 45Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 46Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 47Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 48Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 49Page - Renesas Technology Corp M3062LFGPFP Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 101 page
background image
M16C/62P Group (M16C/62P, M16C/62PT)
5. Electrical Characteristics
Rev.2.41
Jan 10, 2006
Page 46 of 96
REJ03B0001-0241
NOTES:
1.
Vdet4 > Vdet3.
2.
Where reset level detection voltage is less than 2.7 V, if the supply power voltage is greater than the reset level detection
voltage, the microcomputer operates with f(BCLK)
≤ 10MHz.
3.
Vdet3r > Vdet3 is not guaranteed.
4.
The voltage detection circuit is designed to use when VCC1 is set to 5V.
NOTES:
1.
When VCC1 = 5V.
Table 5.9
Low Voltage Detection Circuit Electrical Characteristics
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
Vdet4
Low Voltage Detection Voltage (1)
VCC1=0.8V to 5.5V
3.3
3.8
4.4
V
Vdet3
Reset Level Detection Voltage (1, 2)
2.2
2.8
3.6
V
Vdet4-Vdet3
Electric potential difference of Low Voltage
Detection and Reset Level Detection
0.3
V
Vdet3s
Low Voltage Reset Retention Voltage
0.8
V
Vdet3r
Low Voltage Reset Release Voltage (3)
2.2
2.9
4.0
V
Table 5.10
Power Supply Circuit Timing Characteristics
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
td(P-R)
Time for Internal Power Supply Stabilization
During Powering-On
VCC1=2.7V to 5.5V
2
ms
td(R-S)
STOP Release Time
150
µs
td(W-S)
Low Power Dissipation Mode Wait Mode
Release Time
150
µs
td(S-R)
Brown-out Detection Reset (Hardware Reset 2)
Release Wait Time
VCC1=Vdet3r to 5.5V
6 (1)
20
ms
td(E-A)
Low Voltage Detection Circuit Operation Start
Time
VCC1=2.7V to 5.5V
20
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com